Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72324BK4 Datasheet(PDF) 63 Page - STMicroelectronics

Part # ST72324BK4
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK4 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button ST72324BK4 Datasheet HTML 59Page - STMicroelectronics ST72324BK4 Datasheet HTML 60Page - STMicroelectronics ST72324BK4 Datasheet HTML 61Page - STMicroelectronics ST72324BK4 Datasheet HTML 62Page - STMicroelectronics ST72324BK4 Datasheet HTML 63Page - STMicroelectronics ST72324BK4 Datasheet HTML 64Page - STMicroelectronics ST72324BK4 Datasheet HTML 65Page - STMicroelectronics ST72324BK4 Datasheet HTML 66Page - STMicroelectronics ST72324BK4 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 188 page
background image
ST72324B
On-chip peripherals
63/188
10.1.5
Low power modes
10.1.6
Hardware Watchdog option
If Hardware Watchdog is selected by option byte, the watchdog is always active and the
WDGA bit in the WDGCR is not used. Refer to the option byte description in Section 14.1:
Flash devices.
10.1.7
Using Halt mode with the WDG (WDGHALT option)
The following recommendation applies if Halt mode is used when the watchdog is enabled:
Before executing the HALT instruction, refresh the WDG counter to avoid an unexpected
WDG reset immediately after waking up the microcontroller.
10.1.8
Interrupts
None.
Table 33.
Effect of lower power modes on Watchdog
Mode
Description
Slow
No effect on Watchdog
Wait
Halt
OIE bit in
MCCSR register
WDGHALT bit in
option byte
00
No Watchdog reset is generated. The MCU enters
Halt mode. The Watchdog counter is decremented
once and then stops counting and is no longer able to
generate a watchdog reset until the MCU receives an
external interrupt or a reset.
If an external interrupt is received, the Watchdog
restarts counting after 256 or 4096 CPU clocks. If a
reset is generated, the Watchdog is disabled (reset
state) unless Hardware Watchdog is selected by
option byte. For application recommendations, see
Section 10.1.7 below.
0
1
A reset is generated.
1x
No reset is generated. The MCU enters Active Halt
mode. The Watchdog counter is not decremented. It
stop counting. When the MCU receives an oscillator
interrupt or external interrupt, the Watchdog restarts
counting immediately. When the MCU receives a
reset the Watchdog restarts counting after 256 or
4096 CPU clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com