Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72324BK4 Datasheet(PDF) 71 Page - STMicroelectronics

Part # ST72324BK4
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK4 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button ST72324BK4 Datasheet HTML 67Page - STMicroelectronics ST72324BK4 Datasheet HTML 68Page - STMicroelectronics ST72324BK4 Datasheet HTML 69Page - STMicroelectronics ST72324BK4 Datasheet HTML 70Page - STMicroelectronics ST72324BK4 Datasheet HTML 71Page - STMicroelectronics ST72324BK4 Datasheet HTML 72Page - STMicroelectronics ST72324BK4 Datasheet HTML 73Page - STMicroelectronics ST72324BK4 Datasheet HTML 74Page - STMicroelectronics ST72324BK4 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 188 page
background image
ST72324B
On-chip peripherals
71/188
Figure 36.
Timer block diagram
1.
If IC, OC and TO interrupt requests have separate vectors then the last OR is not present (see Table 24:
Interrupt mapping on page 46).
MCU-peripheral interface
Counter
Alternate
Output
Compare
register
Output Compare
Edge Detect
Overflow
Detect
circuit
1/2
1/4
1/8
8-bit
buffer
ST7 internal bus
Latch 1
OCMP1
ICAP1
EXTCLK
fCPU
Timer interrupt
ICF2
ICF1
TIMD
0
0
OCF2
OCF1 TOF
PWM
OC1E
EXEDG
IEDG2
CC0
CC1
OC2E OPM
FOLV2
ICIE
OLVL1
IEDG1
OLVL2
FOLV1
OCIE TOIE
ICAP2
Latch 2
OCMP2
8
8
8 low
16
8 high
16
16
16
16
(Control register 1) CR1
(Control register 2) CR2
(Control/Status register) CSR
6
16
8
8
8
8
8
8
EXEDG
Timer internal bus
circuit 1
Edge Detect
circuit 2
circuit
1
Output
Compare
register
2
Input
Capture
register
1
Input
Capture
register
2
CC[1:0]
pin
pin
pin
pin
pin
register
(See note 1)
Counter
register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com