Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72324BK4 Datasheet(PDF) 32 Page - STMicroelectronics

Part # ST72324BK4
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK4 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button ST72324BK4 Datasheet HTML 28Page - STMicroelectronics ST72324BK4 Datasheet HTML 29Page - STMicroelectronics ST72324BK4 Datasheet HTML 30Page - STMicroelectronics ST72324BK4 Datasheet HTML 31Page - STMicroelectronics ST72324BK4 Datasheet HTML 32Page - STMicroelectronics ST72324BK4 Datasheet HTML 33Page - STMicroelectronics ST72324BK4 Datasheet HTML 34Page - STMicroelectronics ST72324BK4 Datasheet HTML 35Page - STMicroelectronics ST72324BK4 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 188 page
background image
Supply, reset and clock management
ST72324B
32/188
Provided the minimum VDD value (guaranteed for the oscillator frequency) is above VIT-, the
MCU can only be in two modes:
–
under full software control
–
in static safe reset
In these conditions, secure operation is always ensured for the application without the need
for external reset hardware.
During an LVD reset, the RESET pin is held low, thus permitting the MCU to reset other
devices.
Note:
1
The LVD allows the device to be used without any external reset circuitry.
2
If the medium or low thresholds are selected, the detection may occur outside the specified
operating voltage range. Below 3.8V, device operation is not guaranteed.
3
The LVD is an optional function which can be selected by option byte.
4
It is recommended to make sure that the VDD supply voltage rises monotonously when the
device is exiting from reset, to ensure the application functions properly.
Figure 16.
Low voltage detector vs reset
6.5.2
AVD (auxiliary voltage detector)
The AVD is based on an analog comparison between a VIT-(AVD) and VIT+(AVD) reference
value and the VDD main supply. The VIT- reference value for falling voltage is lower than the
VIT+ reference value for rising voltage in order to avoid parasitic detection (hysteresis).
The output of the AVD comparator is directly readable by the application software through a
real-time status bit (AVDF) in the SICSR register. This bit is read only.
Caution:
The AVD function is active only if the LVD is enabled through the option byte (see
Section 14.1 on page 172).
Monitoring the VDD main supply
The AVD voltage threshold value is relative to the selected LVD threshold configured by
option byte (see Section 14.1 on page 172).
If the AVD interrupt is enabled, an interrupt is generated when the voltage crosses the
VIT+(AVD) or VIT-(AVD) threshold (AVDF bit toggles).
In the case of a drop in voltage, the AVD interrupt acts as an early warning, allowing
software to shut down safely before the LVD resets the microcontroller. See Figure 17.
VDD
VIT+
RESET
VIT-
Vhys



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com