Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72324BK4 Datasheet(PDF) 70 Page - STMicroelectronics

Part # ST72324BK4
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK4 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button ST72324BK4 Datasheet HTML 66Page - STMicroelectronics ST72324BK4 Datasheet HTML 67Page - STMicroelectronics ST72324BK4 Datasheet HTML 68Page - STMicroelectronics ST72324BK4 Datasheet HTML 69Page - STMicroelectronics ST72324BK4 Datasheet HTML 70Page - STMicroelectronics ST72324BK4 Datasheet HTML 71Page - STMicroelectronics ST72324BK4 Datasheet HTML 72Page - STMicroelectronics ST72324BK4 Datasheet HTML 73Page - STMicroelectronics ST72324BK4 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 188 page
background image
On-chip peripherals
ST72324B
70/188
10.3.3
Functional description
Counter
The main block of the programmable timer is a 16-bit free running upcounter and its
associated 16-bit registers. The 16-bit registers are made up of two 8-bit registers called
high and low.
●
Counter Register (CR)
–
Counter High Register (CHR) is the most significant byte (MSB)
–
Counter Low Register (CLR) is the least significant byte (LSB)
●
Alternate Counter Register (ACR)
–
Alternate Counter High Register (ACHR) is the most significant byte (MSB)
–
Alternate Counter Low Register (ACLR) is the least significant byte (LSB)
These two read-only 16-bit registers contain the same value but with the difference that
reading the ACLR register does not clear the TOF bit (timer overflow flag), located in the
Status register (SR) (see note at the end of paragraph entitled 16-bit read sequence).
Writing in the CLR register or ACLR register resets the free running counter to the FFFCh
value. Both counters have a reset value of FFFCh (this is the only value which is reloaded in
the 16-bit timer). The reset value of both counters is also FFFCh in one pulse mode and
PWM mode.
The timer clock depends on the clock control bits of the CR2 register, as illustrated in
Table 49. The value in the counter register repeats every 131072, 262144 or 524288 CPU
clock cycles depending on the CC[1:0] bits. The timer frequency can be fCPU/2, fCPU/4,
fCPU/8 or an external frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com