Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI64-MBTG Datasheet(PDF) 7 Page - STMicroelectronics

Part # LRI64-MBTG
Description  Memory TAG IC at 13.56 MHz, with 64-bit Unique ID and WORM user area, ISO15693 and ISO18000-3 Mode 1 compliant
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64-MBTG Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LRI64-MBTG Datasheet HTML 3Page - STMicroelectronics LRI64-MBTG Datasheet HTML 4Page - STMicroelectronics LRI64-MBTG Datasheet HTML 5Page - STMicroelectronics LRI64-MBTG Datasheet HTML 6Page - STMicroelectronics LRI64-MBTG Datasheet HTML 7Page - STMicroelectronics LRI64-MBTG Datasheet HTML 8Page - STMicroelectronics LRI64-MBTG Datasheet HTML 9Page - STMicroelectronics LRI64-MBTG Datasheet HTML 10Page - STMicroelectronics LRI64-MBTG Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
LRI64
Description
7/52
1
Description
The LRI64 is a contactless memory, powered by an externally transmitted radio wave. It
contains a 120-bit non-volatile memory. The memory is organized as 15 blocks of 8 bits, of
which 7 blocks are accessible as Write-Once Read-Many (WORM) memory.
Figure 1.
Logic diagram
The LRI64 is accessed using a 13.56 MHz carrier wave. Incoming data are demodulated
from the received Amplitude Shift Keying (ASK) signal, 10% modulated. The data are
transferred from the reader to the LRI64 at 26 Kbit/s, using the “1-out-of-4” pulse encoding
mode.
Outgoing data are sent by the LRI64, generated by load variation on the carrier wave, using
Manchester coding with a single sub-carrier frequency of 423 kHz. The data are transferred
from the LRI64 to the reader at 26 Kbit/s, in the high data rate mode.
The LRI64 supports the high data rate communication protocols of ISO 15693 and ISO
18000-3 Mode 1 recommendations. All other data rates and modulations are not supported
by the LRI64.
Table 1.
Signal names
Figure 2.
MLP connections
1.
n/c means not connected internally.
AC1
Antenna Coil
AC0
Antenna Coil
AI08590
AC1
LRI64
AC0
Power
Supply
Regulator
Manchester
Load
Modulator
ASK
Demodulator
120-bit
WORM
Memory
1
AI11612
2
3
4
8
7
6
5
AC0
AC1
n/c
n/c
n/c
n/c
n/c
n/c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com