Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI64-MBTG Datasheet(PDF) 30 Page - STMicroelectronics

Part # LRI64-MBTG
Description  Memory TAG IC at 13.56 MHz, with 64-bit Unique ID and WORM user area, ISO15693 and ISO18000-3 Mode 1 compliant
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64-MBTG Datasheet(HTML) 30 Page - STMicroelectronics

Back Button LRI64-MBTG Datasheet HTML 26Page - STMicroelectronics LRI64-MBTG Datasheet HTML 27Page - STMicroelectronics LRI64-MBTG Datasheet HTML 28Page - STMicroelectronics LRI64-MBTG Datasheet HTML 29Page - STMicroelectronics LRI64-MBTG Datasheet HTML 30Page - STMicroelectronics LRI64-MBTG Datasheet HTML 31Page - STMicroelectronics LRI64-MBTG Datasheet HTML 32Page - STMicroelectronics LRI64-MBTG Datasheet HTML 33Page - STMicroelectronics LRI64-MBTG Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
Timing definitions
LRI64
30/52
17
Timing definitions
Figure 21 shows three specific delay times: t1, t2 and t3. All of them have a minimum value,
specified in Table 14. The t1 parameter also has a maximum and a typical value specified in
Table 14, as summarized in Table 8.
17.1
LRI64 response delay, t1
Upon detection of the rising edge of the EOF received from the VCD, the LRI64 waits for a
time equal to
t1(typ) = 4352 / fC
before starting to transmit its response to a VCD request, or switching to the next slot when
in an inventory process.
17.2
VCD new request delay, t2
t2 is the time after which the VCD may send an EOF to switch to the next slot when one or
more LRI64 responses have been received during an inventory command. It starts from the
reception of the EOF received from the LRI64 devices.
The EOF sent by the VCD is 10% modulated, independent of the modulation index used for
transmitting the VCD request to the LRI64.
t2 is also the time after which the VCD may send a new request to the LRI64 as described in
Figure 18.
t2(min) = 4192 / fC
Table 8.
Timing values(1)
1.
The tolerance of specific timings is ± 32/fC.
Min.
Typ.
Max.
t1
t1(min)
t1(typ) = 4352 / fC
t1(max)
t2
t2(min) = 4192 / fC
——
t3
t1(max) + tSOF
(see notes(2),(3))
2.
tSOF is the duration for the LRI64 to transmit an SOF to the VCD.
3.
t1(max) does not apply for write alike requests. Timing conditions for write alike requests are defined in the
command description.
——



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com