Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI64-MBTG Datasheet(PDF) 1 Page - STMicroelectronics

Part # LRI64-MBTG
Description  Memory TAG IC at 13.56 MHz, with 64-bit Unique ID and WORM user area, ISO15693 and ISO18000-3 Mode 1 compliant
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64-MBTG Datasheet(HTML) 1 Page - STMicroelectronics

  LRI64-MBTG Datasheet HTML 1Page - STMicroelectronics LRI64-MBTG Datasheet HTML 2Page - STMicroelectronics LRI64-MBTG Datasheet HTML 3Page - STMicroelectronics LRI64-MBTG Datasheet HTML 4Page - STMicroelectronics LRI64-MBTG Datasheet HTML 5Page - STMicroelectronics LRI64-MBTG Datasheet HTML 6Page - STMicroelectronics LRI64-MBTG Datasheet HTML 7Page - STMicroelectronics LRI64-MBTG Datasheet HTML 8Page - STMicroelectronics LRI64-MBTG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
February 2007
Rev 6
1/52
1
LRI64
Memory TAG IC at 13.56 MHz, with 64-bit Unique ID and WORM
user area, ISO15693 and ISO18000-3 Mode 1 compliant
Features
■
ISO 15693 Compliant
■
ISO 18000-3 Mode 1 compliant
■
13.56 MHz
±7 kHz carrier frequency
■
Supported data transfer to the LRI64:
10% ASK modulation using “1-out-of-4” pulse
position coding (26 Kbit/s)
■
Supported data transfer from the LRI64:
Load modulation using Manchester coding with
423 kHz single sub-carrier in fast data rate
(26 Kbit/s)
■
Internal tuning capacitor (21 pF, 28.5 pF,
97 pF)
■
7 × 8 bits WORM user area
■
64-bit Unique Identifier (UID)
■
Read Block and Write Block Commands (8-bit
blocks)
■
7 ms Programming time (typical)
■
More than 40-year data retention
■
Electrical Article Surveillance capable
(software controlled)
■
Packages
– ECOPACK® (RoHS compliant)
Wafer
Antenna (A1)
Antenna (A7)
Antenna (A6)
UFDFPN8 (MB)
2 × 3 mm² (MLP)
www.st.com


Similar Part No. - LRI64-MBTG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LRI64-MBTG STMICROELECTRONICS-LRI64-MBTG Datasheet
547Kb / 38P
Memory TAG IC, 64-bit Unique ID with WORM User Area 13.56MHz, ISO15693 and ISO18000-3 Mode 1 Compliant
07-Sep-2005
LRI64-MBTG STMICROELECTRONICS-LRI64-MBTG Datasheet
466Kb / 52P
Memory tag IC at 13.56 MHz, with 64-bit unique ID and WORM user area, ISO 15693 and ISO 18000-3 Mode 1 compliant
01-Apr-2008
LRI64-MBTG/XXX STMICROELECTRONICS-LRI64-MBTG/XXX Datasheet
547Kb / 38P
Memory TAG IC, 64-bit Unique ID with WORM User Area 13.56MHz, ISO15693 and ISO18000-3 Mode 1 Compliant
07-Sep-2005
More results

Similar Description - LRI64-MBTG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SR176 STMICROELECTRONICS-SR176 Datasheet
118Kb / 5P
13.56 MHz Short Range Contactless Memory Chip 176 bit USER EEPROM and 64-bit Unique ID
Jul-2003
LRI64 STMICROELECTRONICS-LRI64 Datasheet
547Kb / 38P
Memory TAG IC, 64-bit Unique ID with WORM User Area 13.56MHz, ISO15693 and ISO18000-3 Mode 1 Compliant
07-Sep-2005
LRIS2K STMICROELECTRONICS-LRIS2K Datasheet
71Kb / 8P
Memory TAG IC, 64 bit UID, 2048 bit EEPROM with Password 13.56MHz, ISO15693 and ISO18000-3 Mode 1 compliant
28-Apr-2006
LRI2K STMICROELECTRONICS-LRI2K Datasheet
760Kb / 89P
13.56 MHz, 2048-bit EEPROM tag IC with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
20-Jul-2007
LRI64 STMICROELECTRONICS-LRI64_08 Datasheet
466Kb / 52P
Memory tag IC at 13.56 MHz, with 64-bit unique ID and WORM user area, ISO 15693 and ISO 18000-3 Mode 1 compliant
01-Apr-2008
LRI2K STMICROELECTRONICS-LRI2K_08 Datasheet
769Kb / 89P
2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
08-Apr-2008
SR176 STMICROELECTRONICS-SR176_07 Datasheet
364Kb / 35P
13.56 MHz, 176-bit short range contactless user EEPROM with 64-bit Unique ID
10-Apr-2007
LRIS2K STMICROELECTRONICS-LRIS2K_08 Datasheet
852Kb / 102P
2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
08-Apr-2008
LRI1K STMICROELECTRONICS-LRI1K Datasheet
638Kb / 86P
1024-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
08-Nov-2010
LRIS2K STMICROELECTRONICS-LRIS2K_11 Datasheet
575Kb / 98P
2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
19-Sep-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com