Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI64-MBTG Datasheet(PDF) 9 Page - STMicroelectronics

Part # LRI64-MBTG
Description  Memory TAG IC at 13.56 MHz, with 64-bit Unique ID and WORM user area, ISO15693 and ISO18000-3 Mode 1 compliant
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64-MBTG Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LRI64-MBTG Datasheet HTML 5Page - STMicroelectronics LRI64-MBTG Datasheet HTML 6Page - STMicroelectronics LRI64-MBTG Datasheet HTML 7Page - STMicroelectronics LRI64-MBTG Datasheet HTML 8Page - STMicroelectronics LRI64-MBTG Datasheet HTML 9Page - STMicroelectronics LRI64-MBTG Datasheet HTML 10Page - STMicroelectronics LRI64-MBTG Datasheet HTML 11Page - STMicroelectronics LRI64-MBTG Datasheet HTML 12Page - STMicroelectronics LRI64-MBTG Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
LRI64
Signal description
9/52
2
Signal description
AC1, AC0
The pads for the Antenna Coil. AC1 and AC0 must be directly bonded to the antenna.
3
Commands
The LRI64 supports the following commands:
3.1
Inventory
Used to perform the anti-collision sequence. The LRI64 answers to the Inventory command
when all of the 64 bits of the UID have been correctly written.
3.2
Stay Quiet
Used to put the LRI64 in Quiet mode. In this mode, the LRI64 only responds to commands
in Addressed mode.
3.3
Read Block
Used to output the 8 bits of the selected block.
3.4
Write Block
Used to write a new 8-bit value in the selected block, provided that the block is not locked.
This command can be issued only once to each block.
3.5
Get_System_Info
Used to allow the application system to identify the product. It gives the LRI64 memory size,
and IC reference (IC_ID).
3.6
Initial Dialogue for Vicinity Cards
The dialogue between the Vicinity Coupling Device (VCD) and the LRI64 is conducted
according to a technique called Reader Talk First (RTF). This involves the following
sequence of operations:
1.
activation of the LRI64 by the RF operating field of the VCD
2.
transmission of a command by the VCD
3.
transmission of a response by the LRI64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com