Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC405EX-SPAFFFTX Datasheet(PDF) 37 Page - Applied Micro Circuits Corporation

Part # PPC405EX-SPAFFFTX
Description  PowerPC 405EX Embedded Processor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405EX-SPAFFFTX Datasheet(HTML) 37 Page - Applied Micro Circuits Corporation

Back Button PPC405EX-SPAFFFTX Datasheet HTML 33Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 34Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 35Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 36Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 37Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 38Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 39Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 40Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 41Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 67 page
background image
PPC405EX – PowerPC 405EX Embedded Processor
Revision 1.09 - August 21, 2007
AMCC Proprietary
37
Preliminary Data Sheet
Pin Group List
The following table provides a summary of the number of package pins (balls) associated with each functional
interface group.
In the table “Signal Functional Description” on page 38, each external signal is listed along with a short description
of the signal function. Active-low signals (for example, Halt) are marked with an overline. See the preceding table,
“Signals Listed Alphabetically” on page 17, for the pin (ball) number to which each signal is assigned.
Shared Pins
Some signals are shared on the same package pin so that the pin can be used for different functions. In most
cases, the signal names shown in this table are not accompanied by signal names that might share the same pin.
If you need to know what, if any, signals are shared with a particular signal, look up the name in “Signals Listed
Alphabetically” on page 17. It is expected that in any single application a particular pin will always be programmed
to serve the same function. The flexibility of sharing allows a single chip to offer a richer pin selection than would
otherwise be possible.
Initialization Strapping
One group of pins is used as strapped inputs during system reset. These pins function as strapped inputs only
during reset and are used for other functions during normal operation (see “Initialization” on page 65). Note that the
use of these pins for strapping is not considered multiplexing since the strapping function is not programmable.
Pull-Up and Pull-Down Resistors
Pull-up and pull-down resistors are used for strapping during reset and to retain unused or undriven inputs in an
appropriate state. The recommended pull-up value of 3k
Ω to +3.3V and pull-down value of 1kΩ to GND, applies
only to individually terminated signals. To prevent possible damage to the device, I/Os capable of becoming
outputs must never be tied together and terminated through a common resistor.
If your system-level test methodology permits, input-only signals can be connected together and terminated
through either a common resistor or directly to +3.3V or GND. When a resistor is used, its value must ensure that
the grouped I/Os reach a valid logical zero or logical one state when accounting for the total input current into the
PPC405EX.
Table 5. Pin Groups
Group
No. of Pins
Total Signal Pins
246
VDD
17
OVDD
20
EOVDD
6
SVDD
10
GND
71
AVDD
7
AHVDD
2
SAVDD
1
SAGND
1
EAVDD
1
EAGND
1
AGND
4
Total Power Pins
141
Reserved
1
Total Pins
388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com