Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC405EX-SPAFFFTX Datasheet(PDF) 42 Page - Applied Micro Circuits Corporation

Part # PPC405EX-SPAFFFTX
Description  PowerPC 405EX Embedded Processor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405EX-SPAFFFTX Datasheet(HTML) 42 Page - Applied Micro Circuits Corporation

Back Button PPC405EX-SPAFFFTX Datasheet HTML 38Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 39Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 40Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 41Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 42Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 43Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 44Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 45Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 46Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 67 page
background image
PPC405EX – PowerPC 405EX Embedded Processor
42
AMCC Proprietary
Revision 1.09 - August 21, 2007
Preliminary Data Sheet
NAND Flash Interface
NFALE
Address latch enable.
I/O
3.3V LVTTL
NFCE0
Chip select 0.
O
3.3V LVTTL
NFCE1:3
Chip selects 1:3.
I/O
3.3V LVTTL
1, 2
NFCLE
Command latch enable.
I/O
3.3V LVTTL
NFData00:15
Data Bus
I/O
3.3V LVTTL
NFRdyBusy
Read/Busy. If low, indicates that Read/Erase command is in process.
If high, indicates that the command is complete.
I/O
3.3V LVTTL
NFRE
Read enable.
I/O
3.3V LVTTL
NFWE
Write enable.
I/O
3.3V LVTTL
DDR1/2 SDRAM Interface
MemData00:31
Memory data.
I/O
2.5V (1.8V)
SSTL2 Dr/Rcv
MemAddr00:14
Memory address.
O
2.5V (1.8V)
SSTL2 Dr/Rcv
RAS
Row address strobe.
O
2.5V (1.8V)
SSTL2 Dr/Rcv
CAS
Column address strobe.
O
2.5V (1.8V)
SSTL2 Dr/Rcv
MemClkEn
Clock enable.
O
2.5V (1.8V)
SSTL2 Dr/Rcv
MemClkOut0
MemClkOut0
Differential DDR SDRAM clock output.
O
2.5V (1.8V)
SSTL2 Dr/Rcv
MemFBD
Feedback driver.
O
2.5V (1.8V)
SSTL2 Dr/Rcv
MemFBR
Feedback receiver. Connect externally to MemFBD.
I
2.5V (1.8V)
SSTL2 Dr/Rcv
MemODT0:1
On-die termination.
O
2.5V (1.8V)
SSTL2 Dr/Rcv
DM0:4
Write data byte lane mask. DM4 is the byte lane mask for the ECC
byte lane.
O
2.5V (1.8V)
SSTL2 Dr/Rcv
DQS0:4
Byte lane strobe. DQS4 is the strobe for the ECC lane.
I/O
2.5V (1.8V)
SSTL2 Dr/Rcv
BA0:2
Bank address for up to eight banks.
O
2.5V (1.8V)
SSTL2 Dr/Rcv
BankSel0:1
Bank select for up to two SDRAM memory banks.
O
2.5V (1.8V)
SSTL2 Dr/Rcv
ECC0:7
ECC check bit byte.
I/O
2.5V (1.8V)
SSTL2 Dr/Rcv
WE
Write enable.
O
2.5V (1.8V)
SSTL2 Dr/Rcv
Table 6. Signal Functional Description (Sheet 5 of 7)
Notes:
1. Receiver input has hysteresis.
2. Must pull up. See “Pull-Up and Pull-Down Resistors” on page 37 for recommended termination values.
3. Must pull down. See “Pull-Up and Pull-Down Resistors” on page 37 for recommended termination values.
4. If not used, must pull up.
5. If not used, must pull down.
6. Strapping input during reset; pull up or pull down as required.
Signal Name
Description
I/O
Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com