Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC405EX-SPAFFFTX Datasheet(PDF) 46 Page - Applied Micro Circuits Corporation

Part # PPC405EX-SPAFFFTX
Description  PowerPC 405EX Embedded Processor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405EX-SPAFFFTX Datasheet(HTML) 46 Page - Applied Micro Circuits Corporation

Back Button PPC405EX-SPAFFFTX Datasheet HTML 42Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 43Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 44Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 45Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 46Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 47Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 48Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 49Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 50Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 67 page
background image
PPC405EX – PowerPC 405EX Embedded Processor
46
AMCC Proprietary
Revision 1.09 - August 21, 2007
Preliminary Data Sheet
Thermal Management
The following heat sink was used in the above thermal analysis:
26.92mm x 27mm x 11.43mm
The heat sink is manufactured by:
Aavid Thermalloy, P/N 62925
Table 8. Package Thermal Specifications
The PPC405EX is designed to operate within a case temperature range TC defined in “Recommended DC Operating
Conditions” on page 47. Thermal resistance values for the EPBGA packages in a convection environment are as follows:
Parameter
Symbol
Airflow
ft/min (m/sec)
Unit
0 (0)
100 (0.51)
200 (1.02)
300 (1.52)
400 (2.02)
500 (2.53)
600 (3.03)
Junction-to-ambient
thermal resistance
without heat sink
θ
JA
18.9
16.6
15.8
15.4
15.0
14.7
14.4
°C/W
Junction-to-ambient
thermal resistance
with heat sink
θ
JA
15.5
12.5
11.4
10.9
10.7
10.5
10.3
°C/W
Resistance Value
Junction-to-case thermal
resistance
θ
JC
8.96
°C/W
Junction-to-board thermal
resistance
θ
JB
13.74
°C/W
Notes:
1. Values in the table are achieved with the following JEDEC standard board: 114.5mm x 101.6mm x 1.6mm, 4 layers.
2. For a chip mounted on a card with at least one signal and two power planes, the following relationships exist:
a. Case temperature, TC, is measured at top center of case surface with device soldered to circuit board.
b. TA = TC – PxθCA, where TA is ambient temperature and P is power consumption.
c. TCMax = TJMax – PxθJC, where TJMax is maximum junction temperature and P is power consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com