Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC405EX-SPAFFFTX Datasheet(PDF) 48 Page - Applied Micro Circuits Corporation

Part # PPC405EX-SPAFFFTX
Description  PowerPC 405EX Embedded Processor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405EX-SPAFFFTX Datasheet(HTML) 48 Page - Applied Micro Circuits Corporation

Back Button PPC405EX-SPAFFFTX Datasheet HTML 44Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 45Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 46Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 47Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 48Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 49Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 50Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 51Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 52Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 67 page
background image
PPC405EX – PowerPC 405EX Embedded Processor
48
AMCC Proprietary
Revision 1.09 - August 21, 2007
Preliminary Data Sheet
I/O Maximum Allowable Overshoot
(3.3V LVTTL)
VMAO
+3.9
V
I/O Maximum Allowable Undershoot
(3.3V LVTTL)
VMAU
−0.6
0
V
Case Temperature
TC
−40
+85
°C
Notes:
1. LPDL is least positive down level; MPUL is most positive up level.
Table 10. I/O Input Capacitance
Parameter
Symbol
Maximum
Unit
Notes
3.3V LVTTL
CIN1
2.3
pF
2.5V CMOS
CIN2
2.1
pF
2.5/1.8V SSTL2
CIN3
3.2
pF
PCI Express differential data receiver
CIN4
1.59
pF
PCI Express differential data transmitter
CIN5
1.16
pF
PCI Express differential clock receiver
CIN6
0.188
pF
Table 9. Recommended DC Operating Conditions (Sheet 2 of 2)
Device operation beyond the conditions specified is not recommended. Extended operation beyond the recommended
conditions can affect device reliability.
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com