Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440SP Datasheet(PDF) 59 Page - Applied Micro Circuits Corporation

Part # PPC440SP
Description  PowerPC 440SP Embedded Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SP Datasheet(HTML) 59 Page - Applied Micro Circuits Corporation

Back Button PPC440SP Datasheet HTML 55Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 56Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 57Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 58Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 59Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 60Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 61Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 62Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 63Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 85 page
background image
PowerPC 440SP Embedded Processor
Revision 1.23 - Sept 26, 2006
AMCC Proprietary
59
Data Sheet
Ethernet Interface
EMCCD
Collision detection.
I
3.3V LVTTL
EMCCrS
Carrier sense.
I
3.3V LVTTL
EMCMDClk
Management data clock.
O
3.3V LVTTL
EMCMDIO
Transfer command and status information between MII
and PHY.
I/O
3.3V LVTTL
EMCRxD0:7
Receive data.
I
3.3V LVTTL
EMCRxDV
Receive data valid.
I
3.3V LVTTL
EMCRxErr
Receive error.
I
3.3V LVTTL
EMCRxClk
Receive clock.
I
3.3V LVTTL
EMCRefClk
Reference clock.
I
3.3V LVTTL
EMCTxClk
Transmit clock.
I
3.3V LVTTL
EMCGTxClk
Ethernet gigabit transmit clock.
O
3.3V LVTTL
EMCTxD0:7
Transmit data.
O
3.3V LVTTL
EMCTxEn
Transmit data enabled.
O
3.3V LVTTL
EMCTxErr,
Transmit error.
O
3.3V LVTTL
External Slave Peripheral Interface
PerAddr00:23
Peripheral address bus.
Note:PerAddr00 is the most significant bit (msb).
O3.3V LVTTL
1
PerBE0
External peripheral data bus byte enable.
O
3.3V LVTTL
1
PerBLast
Used by the peripheral controller to indicates the last
transfer of a memory access.
O3.3V LVTTL
PerCS0:2
External peripheral device select.
O
3.3V LVTTL
PerData0:7
Peripheral data bus.
Note:PerData0 is the most significant bit (msb).
I/O
3.3V LVTTL
1
PerOE
Used by peripheral controller or DMA controller
depending upon the type of transfer involved. When the
PPC440SP is the bus master, it enables the selected
device to drive the bus.
O3.3V LVTTL
PerPar0
External peripheral data bus byte parity.
I/O
3.3V LVTTL
1
PerReady
Used by a peripheral slave to indicate it is ready to
transfer data.
I3.3V LVTTL
PerR/W
Used as output by the peripheral controller. High
indicates a read from memory, low indicates a write to
memory.
O3.3V LVTTL
1
PerWE
Write Enable.
O
3.3V LVTTL
PerClk
Peripheral clock used by synchronous peripheral slaves.
O
3.3V LVTTL
PerErr
External error used as an input to record external slave
peripheral errors.
I
3.3V LVTTL
1, 5
Table 6. Signal Functional Description (Sheet 4 of 7)
Notes:
1. Receiver input has hysteresis
2. Must pull up (recommended value is 3k
Ω to 3.3V)
3. Must pull down (recommended value is 1k
Ω)
4. If not used, must pull up (recommended value is 3k
Ω to 3.3V)
5. If not used, must pull down (recommended value is 1k
Ω)
6. Strapping input during reset; pull-up or pull-down required
Signal Name
Description
I/O
Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com