Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440SP Datasheet(PDF) 66 Page - Applied Micro Circuits Corporation

Part # PPC440SP
Description  PowerPC 440SP Embedded Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SP Datasheet(HTML) 66 Page - Applied Micro Circuits Corporation

Back Button PPC440SP Datasheet HTML 62Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 63Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 64Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 65Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 66Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 67Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 68Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 69Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 70Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 85 page
background image
PowerPC 440SP Embedded Processor
66
AMCC Proprietary
Revision 1.23 - Sept 26, 2006
Data Sheet
Input Max Allowable Overshoot (3.3V LVTTL)
VIMAO
+3.9
V
Input Max Allowable Undershoot (3.3V LVTTL)
VIMAU
-0.6
V
Output Max Allowable Overshoot (3.3V LVTTL)
VOMAO
+3.9
V
Output Max Allowable Undershoot (3.3V
LVTTL)
VOMAU3
-0.6
V
Case Temperature
TC
-40
+100
°C6
Notes:
1. PCI-X drivers meet PCI-X specifications.
2. SVREF = SVDD/2
3. The analog voltages used for the on-chip PLLs can be derived from the logic voltage, but must be filtered before entering the
PPC440SP. See “Absolute Maximum Ratings” on page 63.
4. Power supply sequencing: It is recommended that the 1.5V Vdd of the core reach its nominal value before applying power to the
I/Os. Voltage applied to I/Os from an external source must not be allowed to exceed the 0Vdd ramp. A power down cycle must
complete (0Vdd and Vdd are below 0.4V) before a new power up cycle is started.
5. LPDL is least positive down level; MPUL is most positive up level.
6. Case temperature, TC, is measured at top center of case surface with device soldered to circuit board.
Table 10. Input Capacitance
Parameter
Symbol
Maximum
Unit
Notes
Group 1 (2.5V SSTL I/O)
CIN1
5.2
pF
Group 2 (3.3V LVTTL I/O)
CIN2
7.1
pF
Group 3 (PCI-X I/O)
CIN3
5.7
pF
Group 4 (Receivers)
CIN4
6.9
pF
Group 5 (3.3V tolerant CMOS I/O)
CIN5
3.4
pF
Table 9. Recommended DC Operating Conditions (Sheet 3 of 3)
Device operation beyond the conditions specified is not recommended. Extended operation beyond the recommended
conditions can affect device reliability.
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com