Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440SP Datasheet(PDF) 65 Page - Applied Micro Circuits Corporation

Part # PPC440SP
Description  PowerPC 440SP Embedded Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SP Datasheet(HTML) 65 Page - Applied Micro Circuits Corporation

Back Button PPC440SP Datasheet HTML 61Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 62Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 63Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 64Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 65Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 66Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 67Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 68Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 69Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 85 page
background image
PowerPC 440SP Embedded Processor
Revision 1.23 - Sept 26, 2006
AMCC Proprietary
65
Data Sheet
Input Logic High (2.5V DDR SDRAM)
VIH
SVREF+0.18
SVDD+0.3
V2
Input Logic High (1.8V DDR2 SDRAM)
SVREF+0.125
SVDD+0.3
V
Input Logic High (2.5V CMOS, 3.3V tolerant
receiver)
1.7
V
Input Logic High (3.3V PCI-X)
0.5OVDD
OVDD+0.5
V1
Input Logic High (1.5V PCI-X DDR)
VREF+0.10
VI/O+0.50
V1
Input Logic High (3.3V LVTTL)
+2.0
+3.6
V
Input Logic Low (2.5V DDR SDRAM)
VIL
-0.3
SVREF-0.18
V
Input Logic Low (1.8V DDR2 SDRAM)
-0.3
SVREF-0.125
V
Input Logic Low (2.5V CMOS, 3.3V tolerant
receiver)
0.7
V
Input Logic Low (3.3V PCI-X)
-0.5
0.35OVDD
V1
Input Logic Low (1.5V PCI-X DDR)
-0.5
VREF-0.10V
V1
Input Logic Low (3.3V LVTTL)
0
+0.8
V
Output Logic High (2.5V DDR SDRAM)
VOH
+1.95
SVDD
V
Output Logic High (1.8V DDR2 SDRAM)
SVDD-0.45
SVDD
V
Output Logic High (2.5V CMOS, 3.3V tolerant
receiver)
2.0
V
Output Logic High (3.3V PCI-X)
0.9OVDD
OVDD
V1
Output Logic High (1.5V PCI-X DDR)
V1
Output Logic High (3.3V LVTTL)
+2.4
OVDD
V
Output Logic Low (2.5V DDR SDRAM)
VOL
00.45
V
Output Logic Low (1.8V DDR2 SDRAM)
0
0.45
V
Output Logic Low (2.5V CMOS, 3.3V tolerant
receiver)
0.4
V
Output Logic Low (3.3V PCI-X)
0.1OVDD
V1
Output Logic Low (1.5V PCI-X DDR)
V1
Output Logic Low (3.3V LVTTL)
0
+0.4
V
Input Leakage Current (with no internal pull-up
or pull-down)
IIL1
01
μA
Input Leakage Current (with internal pull-down)
IIL2
0 (LPDL)
200 (MPUL)
μΑ
5
Input Leakage Current (with internal pull-up)
IIL3
-150 (LPDL)
0 (MPUL)
μA5
Table 9. Recommended DC Operating Conditions (Sheet 2 of 3)
Device operation beyond the conditions specified is not recommended. Extended operation beyond the recommended
conditions can affect device reliability.
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com