Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440SP Datasheet(PDF) 72 Page - Applied Micro Circuits Corporation

Part # PPC440SP
Description  PowerPC 440SP Embedded Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SP Datasheet(HTML) 72 Page - Applied Micro Circuits Corporation

Back Button PPC440SP Datasheet HTML 68Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 69Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 70Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 71Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 72Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 73Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 74Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 75Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 76Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 85 page
background image
PowerPC 440SP Embedded Processor
72
AMCC Proprietary
Revision 1.23 - Sept 26, 2006
Data Sheet
Table 14. I/O Specifications—All Speeds
(Sheet 1 of 3)
Notes:
1. Ethernet interface meets timing requirements as defined by IEEE 802.3 standard.
2. PCI-X timings are for asynchronous operation up to 133.33MHz. PCI-X input setup time requirement is 1.2ns for 133.33MHz
and 1.7ns for 66.66MHz. PCI timings (in parentheses) are for asynchronous operation up to 66.66MHz. PCI output hold time
requirement is 1ns for 66.66MHz and 2ns for 33.33MHz.
3. These are DDR signals that can change on both the positive and negative clock transitions.
Signal
Input (ns)
Output (ns)
Output Current (mA)
Clock
Notes
Setup Time
(TIS min)
Hold Time
(TIH min)
Valid Delay
(TOV max)
Hold Time
(TOH min)
I/O H
(minimum)
I/O L
(minimum)
PCI-X Interfaces
PCIX0:2Ack64
Note 2 (2)
0.5(0)
3.5(6)
0.7 (Note 2)
0.5
1.5
PCIX0:2Clk
2
PCIX0:1AD63:00
PCIX2AD31:00
Note 2 (2)
0.5(0)
3.5(6)
0.7 (Note 2)
0.5
1.5
PCIX0:2Clk
2
PCIX0:1BE7:0
PCIX2BE3:0
Note 2 (2)
0.5(0)
3.5(6)
0.7 (Note 2)
0.5
1.5
PCIX0:2Clk
2
PCIX0:2CalG0:1
Note 2 (2)
0.5(0)
na
na
na
na
PCIX0:2Clk
2
PCIX0:1CalR0:1
dc
dc
na
na
na
na
async
PCIX0:2Cap
Note 2 (2)
0.5(0)
3.5(6)
0.7 (Note 2)
0.5
1.5
PCIX0:2Clk
2
PCIX0:2Clk
Note 2 (2)
0.5(0)
3.5(6)
0.7 (Note 2)
0.5
1.5
PCIX0:2Clk
2
PCIX0:2DevSel
Note 2 (2)
0.5(0)
3.5(6)
0.7 (Note 2)
0.5
1.5
PCIX0:2Clk
2
PCIX0:2ECC5:2
na
na
3.5(6)
0.7 (Note 2)
0.5
1.5
PCIX0:2Clk
2
PCIX0:2Frame
na
na
3.5(6)
0.7 (Note 2)
0.5
1.5
PCIX0:2Clk
2
PCIX0:2Gnt0
na
na
3.5(6)
0.7 (Note 2)
0.5
1.5
PCIX0:2Clk
2
PCIX0:2Gnt1
Note 2 (2)
0.5(0)
3.5(6)
0.7 (Note 2)
0.5
1.5
PCIX0:2Clk
2
PCIX0:1Gnt2:3
Note 2 (2)
0.5(0)
3.5(6)
0.7 (Note 2)
0.5
1.5
PCIX0:2Clk
2
PCIX0:2IDSel
Note 2 (2)
0.5(0)
3.5(6)
0.7 (Note 2)
0.5
1.5
PCIX0:2Clk
2
PCIX0:2INTA
Note 2 (2)
0.5(0)
na
na
na
na
PCIX0:2Clk
2
PCIX0:2IRDY
Note 2 (2)
0.5(0)
3.5(6)
0.7 (Note 2)
0.5
1.5
PCIX0:2Clk
2
PCIX0:1M66En
Note 2 (2)
0.5(0)
3.5(6)
0.7 (Note 2)
0.5
1.5
PCIX0:2Clk
2
PCIX0:2Par
Note 2 (2)
0.5(0)
3.5(6)
0.7 (Note 2)
0.5
1.5
PCIX0:2Clk
2
PCIX0:1Par64
Note 2 (2)
0.5(0)
na
na
na
na
PCIX0:2Clk
2
PCIX0:2PErr
Note 2 (2)
0.5(0)
na
na
na
na
PCIX0:2Clk
2
PCIX0:1Req0
Note 2 (2)
0.5(0)
na
na
na
na
PCIX0:2Clk
2
PCIX0:1Req1:3
PCIX2Req1
na
na
na
na
na
na
PCIX0:2Clk
2
PCIX0:2Req64
Note 2 (2)
0.5(0)
3.5(6)
0.7 (Note 2)
0.5
1.5
PCIX0:2Clk
2
PCIX0:2Reset
Note 2 (2)
0.5(0)
3.5(6)
0.7 (Note 2)
0.5
1.5
PCIX0:2Clk
2
PCIX0:2SErr
Note 2 (2)
0.5(0)
3.5(6)
0.7 (Note 2)
0.5
1.5
PCIX0:2Clk
2
PCIX0:2Stop
Note 2 (2)
0.5(0)
3.5(6)
0.7 (Note 2)
0.5
1.5
PCIX0:2Clk
2
PCIX0:2TRDY
Note 2 (2)
0.5(0)
3.5(6)
0.7 (Note 2)
0.5
1.5
PCIX0:2Clk
2
PCIX0:2VC
Note 2 (2)
0.5(0)
3.5(6)
0.7 (Note 2)
0.5
1.5
PCIX0:2Clk
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com