Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

405GP Datasheet(PDF) 21 Page - Applied Micro Circuits Corporation

Part # 405GP
Description  Power PC 405GP Embedded Processor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405GP Datasheet(HTML) 21 Page - Applied Micro Circuits Corporation

Back Button 405GP Datasheet HTML 17Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 18Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 19Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 20Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 21Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 22Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 23Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 24Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 25Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
405GP – Power PC 405GP Embedded Processor
AMCC
21
Revision 2.03 – September 7, 2007
Data Sheet
OVDD
A11
D11
G10
G15
H9
H10
H14
H15
J7
J8
J10
J14
J16
J17
K3
K4
K8
K16
L23
N1
P8
P16
P20
P21
R7
R8
R10
R14
R16
R17
T9
T10
T14
T15
U9
U14
Y13
AC13
B171
C131
E6
E7
E8
E19
E20
E21
F5
F22
G5
G22
H5
H22
K21
N241
P31
U251
W5
W22
Y5
Y22
AA5
AA22
AB6
AB7
AB8
AB19
AB20
AB21
AD141
AE101
Output driver voltage
Note 1: Reserved on 27mm package. OVDD on 35mm package.
42
Signals Listed Alphabetically (Part 5 of 10)
Signal Name
413-Ball
456-Ball
Interface Group
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com