Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

405GP Datasheet(PDF) 44 Page - Applied Micro Circuits Corporation

Part # 405GP
Description  Power PC 405GP Embedded Processor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405GP Datasheet(HTML) 44 Page - Applied Micro Circuits Corporation

Back Button 405GP Datasheet HTML 40Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 41Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 42Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 43Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 44Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 45Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 46Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 47Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 48Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 59 page
background image
405GP – Power PC 405GP Embedded Processor
44
AMCC
Revision 2.03 – September 7, 2007
Data Sheet
Recommended DC Operating Conditions
Device operation beyond the conditions specified is not recommended. Extended operation beyond the recommended
conditions can affect device reliability.
Notes:
1. PCI drivers meet PCI specifications.
2. See “5V-Tolerant Input Current” on page 45.
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes
Logic Supply Voltage
VDD
2.3
2.5
2.7
V
I/O Supply Voltage
OVDD
3.0
3.3
3.6
V
PLL Supply Voltage
AVDD
2.3
2.5
2.7
V
Input Logic High (2.5V CMOS
receivers)
VIH
1.7
VDD
V
Input Logic High (3.3V LVTTL
receivers)
VIH
2.0
OVDD
V
Input Logic High (5.0V LVTTL
receivers)
VIH
2.0
5.0
V
Input Logic Low (2.5V CMOS receivers)
VIL
0
0.7
V
Input Logic Low (3.3/5.0V LVTTL
receivers)
VIL
00.8
V
Output Logic High
VOH
2.4
OVDD
V
Output Logic Low
VOL
00.4
V
3.3V I/O Input Current (no pull-up or
pull-down)
IIL1
±10
μA
Input Current (with internal pull-down)
IIL2
±10 (@ 0V)
400 (@ VDD)
μA
5V Tolerant I/O Input Current
IIL4
±10
-650
μA
2
Input Max Allowable Overshoot (2.5V
CMOS receivers)
VIMAO25
VDD + 0.6
V
Input Max Allowable Overshoot (3.3V
LVTTL receivers)
VIMAO3
OVDD + 0.6
V
Input Max Allowable Overshoot (5.0V
LVTTL receivers)
VIMAO5
5.5
V
Input Max Allowable Undershoot
VIMAU
-0.6
V
Output Max Allowable Overshoot
VOMAO
OVDD + 0.3
V
Output Max Allowable Undershoot
VOMAU3
-0.6
V
Case Temperature
TC
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com