Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

405GP Datasheet(PDF) 39 Page - Applied Micro Circuits Corporation

Part # 405GP
Description  Power PC 405GP Embedded Processor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405GP Datasheet(HTML) 39 Page - Applied Micro Circuits Corporation

Back Button 405GP Datasheet HTML 35Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 36Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 37Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 38Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 39Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 40Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 41Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 42Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 43Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
405GP – Power PC 405GP Embedded Processor
AMCC
39
Revision 2.03 – September 7, 2007
Data Sheet
External Master Peripheral Interface
PerClk
Peripheral clock to be used by an external master and by
synchronous peripheral slaves.
O
5V tolerant
3.3V LVTTL
ExtReset
Peripheral reset to be used by an external master and by
synchronous peripheral slaves.
O
5V tolerant
3.3V LVTTL
HoldReq
Hold Request, used by an external master to request ownership of
the peripheral bus.
I
5V tolerant
3.3V LVTTL
1, 5
HoldAck
Hold Acknowledge, used by the PPC405GP to transfer ownership of
peripheral bus to an external master.
O
5V tolerant
3.3V LVTTL
6
ExtReq
ExtReq is used by an external master to indicate it is prepared to
transfer data.
I
5V tolerant
3.3V LVTTL
1
ExtAck
ExtAck is used by the PPC405GP to indicate a data transfer cycle.
O
5V tolerant
3.3V LVTTL
6
HoldPri
Used by an external master to indicate the priority of a given external
master tenure.
I
5V tolerant
3.3V LVTTL
1
BusReq
Used when the PPC405GP needs to regain control of peripheral
interface from an external master.
O
5V tolerant
3.3V LVTTL
PerErr
An input used to indicate to the PPC405GP that an external slave
peripheral error occurred.
I
5V tolerant
3.3V LVTTL
1, 5
Internal Peripheral Interface
UARTSerClk
Serial Clock used to provide an alternate clock to the internally
generated serial clock. Used in cases where the allowable internally
generated baud rates are not satisfactory. This input can be
individually connected to either UART.
I
5V tolerant
3.3V LVTTL
1
UART0_Rx
UART0 Serial Data In.
I
5V tolerant
3.3V LVTTL
1
UART0_Tx
UART0 Serial Data Out.
O
5V tolerant
3.3V LVTTL
6
UART0_DCD
UART0 Data Carrier Detect.
I
5V tolerant
3.3V LVTTL
1
UART0_DSR
UART0 Data Set Ready.
I
5V tolerant
3.3V LVTTL
1
UART0_CTS
UART0 Clear To Send.
I
5V tolerant
3.3V LVTTL
1
UART0_DTR
UART0 Data Terminal Ready.
O
5V tolerant
3.3V LVTTL
6
UART0_RTS
UART0 Request To Send.
O
5V tolerant
3.3V LVTTL
6
UART0_RI
UART0 Ring Indicator.
I
5V tolerant
3.3V LVTTL
1
UART1_Rx
UART1 Serial Data In.
I
5V tolerant
3.3V LVTTL
1
Signal Functional Description (Part 5 of 8)
Multiplexed signals are shown in brackets following the first signal name assigned to each multiplexed ball.
Notes:
1. Receiver input has hysteresis.
2. Must pull up. See “Pull-Up and Pull-Down Resistors” on page 34 for recommended termination values.
3. Must pull down. See “Pull-Up and Pull-Down Resistors” on page 34 for recommended termination values.
4. If not used, must pull up.
5. If not used, must pull down.
6. Strapping input during reset; pull up or pull down as required.
7. Pull-up may be required. See “External Bus Control Signals” on page 34.
Signal Name
Description
I/O
Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com