Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

405GP Datasheet(PDF) 45 Page - Applied Micro Circuits Corporation

Part # 405GP
Description  Power PC 405GP Embedded Processor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405GP Datasheet(HTML) 45 Page - Applied Micro Circuits Corporation

Back Button 405GP Datasheet HTML 41Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 42Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 43Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 44Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 45Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 46Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 47Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 48Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 49Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 59 page
background image
405GP – Power PC 405GP Embedded Processor
AMCC
45
Revision 2.03 – September 7, 2007
Data Sheet
5V-Tolerant Input Current
Input Capacitance
Parameter
Symbol
Maximum
Unit
Notes
3.3V LVTTL I/O
CIN1
5.5
pF
5V tolerant LVTTL I/O
CIN2
5pF
PCI I/O
CIN3
7pF
Rx only pins
CIN4
4pF
-700
-600
-500
-400
-300
-200
-100
0
100
1.0
2.0
3.0
4.0
5.0
0.0
Input Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com