Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440GP-3CC333C Datasheet(PDF) 49 Page - Applied Micro Circuits Corporation

Part # PPC440GP-3CC333C
Description  Power PC 440GP Embedded Processor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GP-3CC333C Datasheet(HTML) 49 Page - Applied Micro Circuits Corporation

Back Button PPC440GP-3CC333C Datasheet HTML 45Page - Applied Micro Circuits Corporation PPC440GP-3CC333C Datasheet HTML 46Page - Applied Micro Circuits Corporation PPC440GP-3CC333C Datasheet HTML 47Page - Applied Micro Circuits Corporation PPC440GP-3CC333C Datasheet HTML 48Page - Applied Micro Circuits Corporation PPC440GP-3CC333C Datasheet HTML 49Page - Applied Micro Circuits Corporation PPC440GP-3CC333C Datasheet HTML 50Page - Applied Micro Circuits Corporation PPC440GP-3CC333C Datasheet HTML 51Page - Applied Micro Circuits Corporation PPC440GP-3CC333C Datasheet HTML 52Page - Applied Micro Circuits Corporation PPC440GP-3CC333C Datasheet HTML 53Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 83 page
background image
440GP – Power PC 440GP Embedded Processor
AMCC
49
Revision 1.07 – October 4, 2007
Data Sheet
DDR SDRAM Interface
BA0:1
Bank Address supporting up to four internal banks.
O
2.5V SSTL_2
BankSel0:3
Selects up to four external DDR SDRAM banks.
O
2.5V SSTL_2
CAS
Column Address Strobe.
O
2.5V SSTL_2
ClkEn0:3
Clock Enable. One for each bank.
O
2.5V SSTL_2
DM0:8
Memory write data byte lane masks. MEMDM8 is the byte lane
mask for the ECC byte lane.
O
2.5V SSTL_2
DQS0:8
Byte lane data strobe. DQS8 is the data strobe for the ECC byte
lane.
I/O
2.5V SSTL_2
ECC0:7
ECC check bits 0:7.
I/O
2.5V SSTL_2
MemAddr00:12
Memory address bus.
O
2.5V SSTL_2
MemClkOut0
MemClkOut0
Subsystem clock.
O
2.5V SSTL_2
MemData00:63
Memory data bus.
I/O
2.5V SSTL_2
MemVRef1:2
Memory reference voltage (SVREF) input.
I
Voltage Ref
Receiver
RAS
Row Address Strobe.
O
2.5V SSTL_2
WE
Write Enable.
O
2.5V SSTL_2
Ethernet Interface
EMCCD,
EMC1RxErr
MII: Collision detection
RMII 1: Receive error
I/O
5V tolerant
3.3V LVTTL
EMCCrS,
EMC0CrSDV
MII: Carrier sense
RMII 0: Carrier sense data valid
I/O
5V tolerant
3.3V LVTTL
EMCMDClk
MII and RMII: Management data clock
O
5V tolerant
3.3V LVTTL
EMCMDIO
MII and RMII: Transfer command and status information between
MII and PHY
I/O
5V tolerant
3.3V LVTTL
EMCRxD0:3,
EMC0RxD0:1,
EMC1RxD0:1
MII: Receive data
RMII 0: Receive data
RMII 1: Receive data
I/O
5V tolerant
3.3V LVTTL
EMCRxDV,
EMC1CrSDV
MII: Receive data valid
RMII 1: Carrier sense data valid
I
5V tolerant
3.3V LVTTL
EMCRxClk
MII: Receive clock
I
5V tolerant
3.3V LVTTL
EMCRxErr,
EMC0RxErr
MII: Receive error
RMII 0: Receive error
I
5V tolerant
3.3V LVTTL
EMCTxClk,
EMCRefClk
MII: Transmit clock
RMII: Reference clock
I
5V tolerant
3.3V LVTTL
5
EMCTxD0:3,
EMC0TxD0:1,
EMC1TxD0:1
MII: Transmit data
RMII 0: Transmit data
RMII 1: Transmit data
O
5V tolerant
3.3V LVTTL
Signal Functional Description (Sheet 2 of 7)
Notes:
1. Receiver input has hysteresis
2. Must pull up (recommended value is 3k
Ω to 3.3V, 10kΩ to 5V)
3. Must pull down (recommended value is 1k
Ω)
4. If not used, must pull up (recommended value is 3k
Ω to 3.3V)
5. If not used, must pull down (recommended value is 1k
Ω)
6. Strapping input during reset; pull-up or pull-down required
Signal Name
Description
I/O
Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com