Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440GP-3CC333C Datasheet(PDF) 69 Page - Applied Micro Circuits Corporation

Part # PPC440GP-3CC333C
Description  Power PC 440GP Embedded Processor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GP-3CC333C Datasheet(HTML) 69 Page - Applied Micro Circuits Corporation

Back Button PPC440GP-3CC333C Datasheet HTML 65Page - Applied Micro Circuits Corporation PPC440GP-3CC333C Datasheet HTML 66Page - Applied Micro Circuits Corporation PPC440GP-3CC333C Datasheet HTML 67Page - Applied Micro Circuits Corporation PPC440GP-3CC333C Datasheet HTML 68Page - Applied Micro Circuits Corporation PPC440GP-3CC333C Datasheet HTML 69Page - Applied Micro Circuits Corporation PPC440GP-3CC333C Datasheet HTML 70Page - Applied Micro Circuits Corporation PPC440GP-3CC333C Datasheet HTML 71Page - Applied Micro Circuits Corporation PPC440GP-3CC333C Datasheet HTML 72Page - Applied Micro Circuits Corporation PPC440GP-3CC333C Datasheet HTML 73Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 83 page
background image
440GP – Power PC 440GP Embedded Processor
AMCC
69
Revision 1.07 – October 4, 2007
Data Sheet
I/O Specifications—400, 466, and 500MHz
Notes:
1. PerClk rising edge at package pin with a 10pF load trails the internal PLB clock by approximately 1.3ns.
Signal
Input (ns)
Output (ns)
Output Current (mA)
Clock
Notes
Setup
Time
(TIS min)
Hold Time
(TIH min)
Valid Delay
(TOV max)
Hold Time
(TOH min)
I/O H
(minimum)
I/O L
(minimum)
External Slave Peripheral Interface
PerData00:31
3
1
9
0
15.3
10.2
PerClk
PerAddr00:31
3
1
7.6
0
15.3
10.2
PerClk
PerPar0:3
4
1
8.4
0
15.3
10.2
PerClk
PerWBE0:3
2.5
1
6.5
0
15.3
10.2
PerClk
PerCS0:7
na
na
6
0
15.3
10.2
PerClk
PerOE
na
na
6
0
15.3
10.2
PerClk
PerWE
na
na
7
0
15.3
10.2
PerBLast
2.5
1
5
na
15.3
10.2
PerClk
PerReady[RcvrInh]
5
1
na
na
na
na
PerClk
PerR/W
2.5
1
5.6
na
15.3
10.2
PerClk
DMAReq0:3
dc
dc
na
na
na
na
PerClk
DMAAck0:3
na
na
7
0
15.3
10.2
PerClk
EOT0:3/TC0:3
dc
dc
6.8
0
15.3
10.2
PerClk
External Master Peripheral Interface
PerClk
na
na
na
na
15.3
10.2
PLB Clk
1
ExtReset
na
na
6.2
0
15.3
10.2
PerClk
HoldReq
3.5
1
na
na
na
na
PerClk
HoldAck
na
na
6.4
0
15.3
10.2
PerClk
ExtReq
2.5
1
na
na
na
na
PerClk
ExtAck
na
na
6.2
0
15.3
10.2
PerClk
BusReq
na
na
6.2
0
15.3
10.2
PerClk
PerErr
4.5
1
na
na
15.3
10.2
PerClk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com