Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440GP-3CC333C Datasheet(PDF) 57 Page - Applied Micro Circuits Corporation

Part # PPC440GP-3CC333C
Description  Power PC 440GP Embedded Processor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GP-3CC333C Datasheet(HTML) 57 Page - Applied Micro Circuits Corporation

Back Button PPC440GP-3CC333C Datasheet HTML 53Page - Applied Micro Circuits Corporation PPC440GP-3CC333C Datasheet HTML 54Page - Applied Micro Circuits Corporation PPC440GP-3CC333C Datasheet HTML 55Page - Applied Micro Circuits Corporation PPC440GP-3CC333C Datasheet HTML 56Page - Applied Micro Circuits Corporation PPC440GP-3CC333C Datasheet HTML 57Page - Applied Micro Circuits Corporation PPC440GP-3CC333C Datasheet HTML 58Page - Applied Micro Circuits Corporation PPC440GP-3CC333C Datasheet HTML 59Page - Applied Micro Circuits Corporation PPC440GP-3CC333C Datasheet HTML 60Page - Applied Micro Circuits Corporation PPC440GP-3CC333C Datasheet HTML 61Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 83 page
background image
440GP – Power PC 440GP Embedded Processor
AMCC
57
Revision 1.07 – October 4, 2007
Data Sheet
Heat Sink Mounting Information (Ceramic Package Only)
Proper thermal design is primarily dependent upon multiple system-level effects; that is, the effects of the heat
sink, the air flow, and the thermal interface material. To reduce the die-junction temperature, heat sinks may be
attached to the package by several methods: adhesive, spring clips to the printed-circuit board or package, or a
mounting clip and screw assembly. When attaching heat sinks, it is important to avoid placing excessive
mechanical stress on bonding of the chip to the substrate and the package to the board.
Heat Sink Attached With Spring Clip
Heat Sink Attached With Adhesive
Important: All of the guidelines indicated in the above diagrams must be evaluated and adjusted to account for the
shock and vibration effects of any particular application.
Heat sink
Thermal grease
Printed
circuit
board
CBGA
package
Heat sink
Heat sink clip
Printed
circuit
board
CBGA
package
Spring clip to board
Spring clip to package
Thermal grease
Heat sink clip
Heat sink clip
Heat sink clip
Static compression (spring force)—2.27kg maximum
Static compression (spring force)—2.27kg maximum1
Note 1: Force is limited by allowable compression on the die.
Allowable package compression force is 4.4kg.
Heat sink
Printed
circuit
board
CBGA
package
Adhesive
Heat sink
Printed
circuit
board
CBGA
package
Adhesive
Heat sink weight force—60g maximum
Weight
force
Weight
force



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com