Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440GP-3CC333C Datasheet(PDF) 6 Page - Applied Micro Circuits Corporation

Part # PPC440GP-3CC333C
Description  Power PC 440GP Embedded Processor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GP-3CC333C Datasheet(HTML) 6 Page - Applied Micro Circuits Corporation

Back Button PPC440GP-3CC333C Datasheet HTML 2Page - Applied Micro Circuits Corporation PPC440GP-3CC333C Datasheet HTML 3Page - Applied Micro Circuits Corporation PPC440GP-3CC333C Datasheet HTML 4Page - Applied Micro Circuits Corporation PPC440GP-3CC333C Datasheet HTML 5Page - Applied Micro Circuits Corporation PPC440GP-3CC333C Datasheet HTML 6Page - Applied Micro Circuits Corporation PPC440GP-3CC333C Datasheet HTML 7Page - Applied Micro Circuits Corporation PPC440GP-3CC333C Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC440GP-3CC333C Datasheet HTML 9Page - Applied Micro Circuits Corporation PPC440GP-3CC333C Datasheet HTML 10Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 83 page
background image
440GP – Power PC 440GP Embedded Processor
6
AMCC
Revision 1.07 – October 4, 2007
Data Sheet
PPC440GP Functional Block Diagram
The PPC440GP is designed using the IBM® Microelectronics Blue Logic™ methodology in which major functional
blocks are integrated together to create an application-specific product (ASIC). This approach provides a
consistent way to create complex ASICs using IBM CoreConnect Bus™ Architecture.
Note: IBM CoreConnect buses provide:
• 128-bit PLB interfaces up to 133.33MHz
• 32-bit OPB interfaces up to 66.66MHz, 266MB/s
Address Maps
The PPC440GP incorporates two address maps. The first is a fixed processor system memory address map. This
address map defines the possible contents of various address regions which the processor can access. The
second address map is for Device Configuration Registers (DCRs). The DCRs are accessed by software running
on the PPC440GP processor through the use of mtdcr and mfdcr instructions.
Processor Core
DCR Bus
32KB
On-chip Peripheral Bus (OPB)
GPIO
IIC
UART
DMA
Bridge
Processor Local Bus (PLB)
DDR SDRAM
External
Bus
Controller
Controller
Clock
Control
Reset
Power
Mgmt
JTAG
Trace
Timers
MMU
Controller
OPB
Interrupt
Controller
Arb
32-bit addr
32-bit data
13-bit addr
32/64-bit data
External
Bus Master
Controller
Universal
I-Cache
32KB
D-Cache
(4-Channel)
133MHz max
66MHz max
SRAM
8KB
PPC440
45 internal
13 external
PCI-X
Bridge
x2
x2
MAL
Ethernet
x2
133MHz max
DCRs
1 MII
or
2 RMII
GP
Timers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com