Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC012N03LF2S Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # ISC012N03LF2S
Description  MOSFET StrongIRFET™ 2 Power‑Transistor, 30 V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ISC012N03LF2S Datasheet(HTML) 3 Page - Infineon Technologies AG

  ISC012N03LF2S Datasheet HTML 1Page - Infineon Technologies AG ISC012N03LF2S Datasheet HTML 2Page - Infineon Technologies AG ISC012N03LF2S Datasheet HTML 3Page - Infineon Technologies AG ISC012N03LF2S Datasheet HTML 4Page - Infineon Technologies AG ISC012N03LF2S Datasheet HTML 5Page - Infineon Technologies AG ISC012N03LF2S Datasheet HTML 6Page - Infineon Technologies AG ISC012N03LF2S Datasheet HTML 7Page - Infineon Technologies AG ISC012N03LF2S Datasheet HTML 8Page - Infineon Technologies AG ISC012N03LF2S Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
StrongIRFET™ 2 Power‑Transistor, 30 V
ISC012N03LF2S
Public
Datasheet
3
Revision 1.1
https://www.infineon.com
2024‑11‑25
1   Maximum ratings
at  =25 °C, unless otherwise specified
T
Table 2      Maximum ratings
Parameter
Symbol
Values
Unit Note / Test condition
Min.
Typ.
Max.
Continuous drain current 1)
I
‑
‑
270 
191 
43
A
V =10 V,  =25 °C 
T
=10 V,  =100 °C 
V
T
=10 V,  =25 °C, 
=50 °C/W 
V
T
R
2)
Pulsed drain current 3)
I
‑
‑
1080
A
T =25 °C
Avalanche energy, single pulse 4)
E
‑
‑
473 
946
mJ I =50 A,  =25 Ω 
R
=25 A,  =25 Ω
I
R
Gate source voltage
V
‑20
‑
20
V
‑
Power dissipation
P
‑
‑
167 
3
W
T =25 °C 
=25 °C, 
=50 °C/W 
T
R
2)
Operating and storage temperature
T , T
‑55
‑
175
°C
‑
    Rating refers to the product only with datasheet specified absolute maximum values, maintaining case temperature as 
1)
specified. For other case temperatures please refer to Diagram 2. De‑rating will be required based on the actual environmental 
conditions.
    Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm  (one layer, 70 μm thick) copper area for drain connection. PCB 
2)
2
is vertical in still air.
    See Diagram 3 for more detailed information
3)
    See Diagram 13 for more detailed information
4)
A
D
GS
C
GS
C
GS
A
THJA
D,pulse
C
AS
D
GS
D
GS
GS
tot
C
A
THJA
j
stg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com