Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC012N03LF2S Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # ISC012N03LF2S
Description  MOSFET StrongIRFET™ 2 Power‑Transistor, 30 V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ISC012N03LF2S Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button ISC012N03LF2S Datasheet HTML 6Page - Infineon Technologies AG ISC012N03LF2S Datasheet HTML 7Page - Infineon Technologies AG ISC012N03LF2S Datasheet HTML 8Page - Infineon Technologies AG ISC012N03LF2S Datasheet HTML 9Page - Infineon Technologies AG ISC012N03LF2S Datasheet HTML 10Page - Infineon Technologies AG ISC012N03LF2S Datasheet HTML 11Page - Infineon Technologies AG ISC012N03LF2S Datasheet HTML 12Page - Infineon Technologies AG ISC012N03LF2S Datasheet HTML 13Page - Infineon Technologies AG ISC012N03LF2S Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
StrongIRFET™ 2 Power‑Transistor, 30 V
ISC012N03LF2S
Public
Datasheet
10
Revision 1.1
https://www.infineon.com
2024‑11‑25
 
Diagram 13: Avalanche characteristics
Diagram 14: Typ. gate charge
I =f( );  =25 Ω; parameter: 
t R
T
V =f(
),  =50 A pulsed,  =25 °C; parameter: 
Q
I
T
V
Diagram 15: Drain‑source breakdown voltage
Gate charge waveforms
V
=f( );  =2 mA
T I
‑
AS
AV
GS
j,start
GS
gate
D
j
DD
BR(DSS)
j
D
100
101
102
103
104
tAV [µs]
100
101
102
25 °C
100 °C
150 °C
0
10
20
30
40
50
60
70
80
Qgate [nC]
0
2
4
6
8
10
6 V
15 V
24 V
75 50 25 0 25 50 75 100 125 150 175 200
Tj [°C]
26
28
30
32
34
36
G
a t e
c h a r g e
w a v e f o r m
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com