Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC012N03LF2S Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # ISC012N03LF2S
Description  MOSFET StrongIRFET™ 2 Power‑Transistor, 30 V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ISC012N03LF2S Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button ISC012N03LF2S Datasheet HTML 2Page - Infineon Technologies AG ISC012N03LF2S Datasheet HTML 3Page - Infineon Technologies AG ISC012N03LF2S Datasheet HTML 4Page - Infineon Technologies AG ISC012N03LF2S Datasheet HTML 5Page - Infineon Technologies AG ISC012N03LF2S Datasheet HTML 6Page - Infineon Technologies AG ISC012N03LF2S Datasheet HTML 7Page - Infineon Technologies AG ISC012N03LF2S Datasheet HTML 8Page - Infineon Technologies AG ISC012N03LF2S Datasheet HTML 9Page - Infineon Technologies AG ISC012N03LF2S Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
StrongIRFET™ 2 Power‑Transistor, 30 V
ISC012N03LF2S
Public
Datasheet
6
Revision 1.1
https://www.infineon.com
2024‑11‑25
Table 6      Gate charge characteristics 7)
Parameter
Symbol
Values
Unit Note / Test condition
Min.
Typ.
Max.
Output charge
Q
‑
54
‑
nC
V =15 V,  =0 V
V
    See "Gate charge waveforms" for parameter definition
7)
    Defined by design. Not subject to production test.
8)
Table 7      Reverse diode
Parameter
Symbol
Values
Unit Note / Test condition
Min.
Typ.
Max.
Diode continuous forward current
I
‑
‑
152
A
T =25 °C
Diode pulse current
I
‑
‑
1080
A
Diode forward voltage
V
‑
0.79
1.0
V
V =0 V,  =50 A,  =25 °C
I
T
Reverse recovery time
t
‑
20
‑
ns
V =15 V,  =50 A, d /d =500 A/μs
I
i t
Reverse recovery charge
Q
‑
68
‑
nC
oss
DS
GS
S
C
S,pulse
SD
GS
F
j
rr
R
F
F
rr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com