Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5527TL Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP5527TL
Description  Tiny LED Driver for Camera Flash and 4 LEDs with I2C Programmability, Connectivity Test and Audio Synchronization
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP5527TL Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LP5527TL Datasheet HTML 13Page - National Semiconductor (TI) LP5527TL Datasheet HTML 14Page - National Semiconductor (TI) LP5527TL Datasheet HTML 15Page - National Semiconductor (TI) LP5527TL Datasheet HTML 16Page - National Semiconductor (TI) LP5527TL Datasheet HTML 17Page - National Semiconductor (TI) LP5527TL Datasheet HTML 18Page - National Semiconductor (TI) LP5527TL Datasheet HTML 19Page - National Semiconductor (TI) LP5527TL Datasheet HTML 20Page - National Semiconductor (TI) LP5527TL Datasheet HTML 21Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
I
2C Compatible Interface (Continued)
10
Bus Free Time between a STOP and a START Condition
1.3
µs
C
b
Capacitive Load for Each Bus Line
10
200
pF
NOTE: Data guaranteed by design
Test Interface
The test bus can be controlled externally or internally. For
the external control, the LP5527 pins V
DD1,2 only need to be
powered. External control is independent on status of NRST
and V
DDIO pins. T1 is an input and it has an internal 6 k
pull-down resistor. T2 is an output line for the test result with
an internal 200 k
Ω pull-down resistor. When T1 is low, T2 is
always pulled down; when T1 is high, T2 is indicating the
result of the test.
20184019
High Level Schematic Representation of the Test Interface
The device is capable of detecting a defective unit in three
cases:
Production test 1: The LP5527 is assembled on a
printed wiring board (PWB), but there is no LEDs con-
nected on current sink outputs. An external 4.2V test
voltage is supplied on the V
DD1 and VDD2 pins, from
which follows that the reset operating mode is entered
with POR. Test pin T1 is pulled high. The chip will send an
acknowledge “1” onto the T2 pin if the chip is in working
order; otherwise T2 stays low (0). Refer to Test Interface
Timing Diagram.
Production test 2: The LP5527 is assembled on a PWB
with the external components shown in LP5527 Block
Diagram. 4.2V voltage is connected to V
DD1,VDD2 and
FB pins (see the figure above), from which follows that
the reset operating mode is entered with POR. Test pin
T1 is pulled high. The chip will send an acknowledge “1”
onto the T2 pin if the chip is in working order; otherwise
T2 stays low (0). If the ACK is “1”, a repetitive test pattern
“0-1-0-1-0-1-0-1-0-1-0-1” is applied to T1 pin and if the
LED corresponding the pattern (see Test Interface Timing
Diagram) is connected properly T2 gives “1”, otherwise
T2 stays low. The last “1” disengages the test.
Field test: Build-in self-test through the I
2C compatible
control interface. The LP5527 is enabled (NSTBY(bit) =
1, EN_BOOST(bit) = 1) and external test pins T1 and T2
are disconnected. The result can be read through the I
2C
compatible control interface. LED test is enabled by writ-
ing to address 0Ch hex data 01h. Result can be read
from the same address during the next I
2C cycle. Note:
I
2C compatible interface clock signal controls the timing
of the test procedure. For that reason the clock signal
frequency should be 50 kHz or less during the build-in
self-test.
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com