Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5527TL Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP5527TL
Description  Tiny LED Driver for Camera Flash and 4 LEDs with I2C Programmability, Connectivity Test and Audio Synchronization
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP5527TL Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LP5527TL Datasheet HTML 4Page - National Semiconductor (TI) LP5527TL Datasheet HTML 5Page - National Semiconductor (TI) LP5527TL Datasheet HTML 6Page - National Semiconductor (TI) LP5527TL Datasheet HTML 7Page - National Semiconductor (TI) LP5527TL Datasheet HTML 8Page - National Semiconductor (TI) LP5527TL Datasheet HTML 9Page - National Semiconductor (TI) LP5527TL Datasheet HTML 10Page - National Semiconductor (TI) LP5527TL Datasheet HTML 11Page - National Semiconductor (TI) LP5527TL Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Magnetic Boost DC/DC Converter (Continued)
MAGNETIC BOOST DC/DC CONVERTER ELECTRICAL CHARACTERISTICS
Limits in standard typeface are for T
J =25
oC. Limits in boldface type apply over the operating ambient temperature
range (-30oC < T
A < +85
oC). Unless otherwise noted, specifications apply to the LP5527 Block Diagram with: V
IN = 3.6V,
C
IN =10µF, COUT1 =10µF, COUT2 =10µF, CVDDIO = 100 nF, CVREF = 100 nF, CVDDA = 4.7 µF, CVDD1 = 100 nF, CVDD2
= 100 nF, L
1 = 4.7 µH. (Note 9)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I
LOAD
Load Current
(Note 10)
3.2V
≤ V
IN
≤ 4.5V
V
OUT = 5.0V
670
mA
V
OUT
Output Voltage Accuracy
(FB pin)
3.2V
≤ V
IN
≤ 4.5V
V
OUT (target value) = 5.0V,
active load off
−3
+3
%
Output Voltage
(FB Pin)
3.0V
≤ V
IN
≤ (5.0V+V
SCHOTTKY)
active load off
5.0
V
V
IN > (5.0V + VSCHOTTKY)VIN -VSCHOTTKY
RDS
ON
Switch ON Resistance
V
IN = 3.6V, ISW = 1.0A
0.20
0.4
f
PWF
PWM Mode Switching
Frequency
RT =82k
FREQ_SEL (bit) = 1
FREQ_SEL (bit) = 0
2.0
1.0
MHz
Frequency Accuracy
3.2V
≤ V
DD1,2
≤ 4.5V
RT =82k
−6
-9
±3+6
+9
%
t
PULSE
Switch Pulse Minimum
Width
no load
25
ns
t
STARTUP
Startup Time
10
ms
I
CL_OUT
SW1+ SW2 current limit
1.7
A
Note 10: Specified currents are the worst case currents. If input voltage is larger or output voltage is smaller, current can be increased according to graph "Boost
Maximum Output Current".
BOOST STANDBY MODE
User can set the boost converter to STANDBY mode by
writing the register bit EN_BOOST low when there is no load
to avoid idle current consumption. When EN_BOOST is
written high, the converter starts in low current PWM (Pulse
Width Modulation) mode for 10 ms and then goes to normal
PWM mode.
BOOST CONTROL REGISTERS
User can control the boost output voltage and the switching
frequency according to the following tables.
Boost Output Voltage
[3:0] Register
Boost Output Voltage
(Typical)
0000
4.55V
0001
4.70V
0011
4.85V
0111
5.00V
FREQ_SEL Bit
Boost Switching
Frequency
(Typical)
0
1.0 MHz default
1
2.0 MHz
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com