Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5527TL Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP5527TL
Description  Tiny LED Driver for Camera Flash and 4 LEDs with I2C Programmability, Connectivity Test and Audio Synchronization
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP5527TL Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LP5527TL Datasheet HTML 1Page - National Semiconductor (TI) LP5527TL Datasheet HTML 2Page - National Semiconductor (TI) LP5527TL Datasheet HTML 3Page - National Semiconductor (TI) LP5527TL Datasheet HTML 4Page - National Semiconductor (TI) LP5527TL Datasheet HTML 5Page - National Semiconductor (TI) LP5527TL Datasheet HTML 6Page - National Semiconductor (TI) LP5527TL Datasheet HTML 7Page - National Semiconductor (TI) LP5527TL Datasheet HTML 8Page - National Semiconductor (TI) LP5527TL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Connection Diagrams and Package Mark Information
Connection Diagrams microSMD-30 package, 2.466 x 2.974 x 0.60 mm body size, 0.5 mm pitch NS Package Number
TLA3011A
20184002
Top View
20184003
Top View
PACKAGE MARK
20184004
Top View
XY — Date Code
TT — Die Traceability
5527 — Product Identification
ORDERING INFORMATION
Order Number
Package Marking
Supplied As
Spec/Flow
LP5527TL
5527
TNR 250
NoPB
LP5527TLX
5527
TNR 3000
NoPB
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com