Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5527TL Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP5527TL
Description  Tiny LED Driver for Camera Flash and 4 LEDs with I2C Programmability, Connectivity Test and Audio Synchronization
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP5527TL Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LP5527TL Datasheet HTML 9Page - National Semiconductor (TI) LP5527TL Datasheet HTML 10Page - National Semiconductor (TI) LP5527TL Datasheet HTML 11Page - National Semiconductor (TI) LP5527TL Datasheet HTML 12Page - National Semiconductor (TI) LP5527TL Datasheet HTML 13Page - National Semiconductor (TI) LP5527TL Datasheet HTML 14Page - National Semiconductor (TI) LP5527TL Datasheet HTML 15Page - National Semiconductor (TI) LP5527TL Datasheet HTML 16Page - National Semiconductor (TI) LP5527TL Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Audio Synchronization
The LED1 output can be synchronized to incoming audio
signal with Audio Synchronization feature. Audio Synchroni-
zation synchronizes LED1 based on input signal’s peak am-
plitude. Programmable gain and automatic gain control func-
tion are also available for adjustment of input signal
amplitude to light response. Control of LED1 brightness
refreshing frequency is done with four different frequency
configurations. The digitized input signal has a DC compo-
nent that is removed by a digital DC-remover. The DC-
remover is a high-pass filter where corner frequency is user
selectable by using DC_FREQ bit. LP5527 has 2-channel
audio (stereo) input for audio synchronization, as shown in
the figure below. The inputs accept signals in the range of 0V
to 1.6V peak-to-peak and these signals are mixed into a
single wave so that they can be filtered simultaneously.
LP5527 audio synchronization is mainly done digitally and it
consists following signal path blocks (see figure below).
Input buffer
AD converter
Automatic Gain Control (AGC) and manually program-
mable gain
Peak detector
Automatic Gain Control (AGC) adjusts the input signal to
suitable range automatically. User can disable AGC and the
gain can be set manually with programmable gain. Audio
synchronization is based on peak detection method.
20184016
Audio Synchronization Input Electrical Parameters
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Z
IN
Input Impedance of
ASE1, ASE2
10
15
k
A
IN
ASE1, ASE2 Audio
Input Level Range
(peak-to-peak)
Min input level needs maximum gain;
Max input level for minimum gain.
0
1600
mV
CONTROL OF AUDIO SYNCHRONIZATION
The following table describes the controls required for audio synchronization. LED1 brightness control through serial interface is
not available when audio synchronization is enabled.
Audio Synchronization Control
EN_SYNC
Audio synchronization enabled. Set EN_SYNC=1to enable audio synchronization or 0 to disable.
EN_AGC
Automatic gain control. Set EN_AGC=1to enable automatic control or 0 to disable.
When EN_AGC is disabled, the audio input signal gain value is defined by GAIN_SEL.
GAIN_SEL[2:0]
Input signal gain control. Gain has a range from 0 dB to -46 dB.
SPEED_CTRL[1:0]
Control for refreshing frequency. Sets the typical refreshing rate for the LED1 output.
THRESHOLD[3:0]
Control for the audio input threshold. Sets the typical threshold for the audio inputs signals.
May be needed if there is noise on the audio lines.
DC_FREQ
Control for the high-pass filter corner frequency.
0=80Hz
1 = 510 Hz
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com