Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YDA136 Datasheet(PDF) 11 Page - YAMAHA CORPORATION

Part # YDA136
Description  D- 60 STEREO 60W-100W DIGITAL AUDIO POWER AMPLIFIER CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YDA136 Datasheet(HTML) 11 Page - YAMAHA CORPORATION

Back Button YDA136 Datasheet HTML 7Page - YAMAHA CORPORATION YDA136 Datasheet HTML 8Page - YAMAHA CORPORATION YDA136 Datasheet HTML 9Page - YAMAHA CORPORATION YDA136 Datasheet HTML 10Page - YAMAHA CORPORATION YDA136 Datasheet HTML 11Page - YAMAHA CORPORATION YDA136 Datasheet HTML 12Page - YAMAHA CORPORATION YDA136 Datasheet HTML 13Page - YAMAHA CORPORATION YDA136 Datasheet HTML 14Page - YAMAHA CORPORATION YDA136 Datasheet HTML 15Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
YDA136
11
■
Terminal Condition in each Mode
●Operation Mode
YDA136 becomes an operation mode as the following table by the state in each input terminal.
--
-
-
-
< VIB
----
Hi-z H
L
H
L
-
-
-
---
< VVB
-
-
-
Hi-z HL
HL
-
-
-
----
< VVD
-
-
Hi-z HL
HL
Protect Reset Mode L
-
-
-
-
> VIB
> VVB
> VVD
-
-
Hi-z HL
HL
High temperature
Detection Mode
H-
-
-
-
↑↑↑
-> Tmax
L
H
L
H
L
Hardware Mute
Mode
HL
-
-
-
↑↑↑
-
< Tmax Hi-z HL
HL
HH
-
> VOC1
-
↑↑↑
--
L
H
L
H
L
HH
-
-
< VOC2
↑↑↑
--
L
H
L
H
L
HH
-
< VOC1
< VOC1
>
VOC2
↑↑↑
< FC1
< Tmax Hi-z HL
HL
HH
-
↑↑↑↑↑
> FC2
↑
Hi-z HL
HL
Stereo Mode
H
H
L
↑↑↑↑↑
> FC1
< FC2
↑
Hi-z PP
PP
Monaural Mode
H
H
H
↑↑↑↑↑↑↑
Hi-z P
P
*1
L
Over Current
Detection Mode
Low Voltage
Detection Mode
Clock Stop
Detection Mode
Over Current
Detection
Power Detection
Note:
1) “-“ means all input conditions.
2) “H” means “H” level, and “L” means “L” level. In addition, “P” means “Pulse oscillation condition”.
3) “*1” means indefinite state.
4) Rch over current detection terminal “OCPLR and OCPHR” can not be operated in Monophonic mode.
5) In the over current detection mode, the mode is continued even if it goes out of the over current condition.
The over current detection mode is canceled by protect reset mode.
6) All registers are initialized when VDD2 voltage (VDD-VSS) becomes below VVD in the low voltage
detection modes.
7) When YDA136 it-self heats higher than the unusual temperature (Tmax), it will become a high temperature
detection mode.
●Digital Audio Signal Input Mode / Analog Audio Signal Input Mode
YDA136 can input both Digital Audio Signal and Analog Audio Signal.
In case of input for the digital audio signal, be sure to connect DAC output terminal (AOL, AOR) and electron volume
input terminal (AIL, AIR) through capacitor for DC cut.
In addition, in case of input for the analog audio signal; be sure to connect an analog audio signal to electron volume input
terminal (AIL,AIR) through a capacitor for DC cut.
At this time, the output of DAC can be made into High-Z by setting the DAC input format of a control register as MODE8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com