Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YDA136 Datasheet(PDF) 13 Page - YAMAHA CORPORATION

Part # YDA136
Description  D- 60 STEREO 60W-100W DIGITAL AUDIO POWER AMPLIFIER CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YDA136 Datasheet(HTML) 13 Page - YAMAHA CORPORATION

Back Button YDA136 Datasheet HTML 9Page - YAMAHA CORPORATION YDA136 Datasheet HTML 10Page - YAMAHA CORPORATION YDA136 Datasheet HTML 11Page - YAMAHA CORPORATION YDA136 Datasheet HTML 12Page - YAMAHA CORPORATION YDA136 Datasheet HTML 13Page - YAMAHA CORPORATION YDA136 Datasheet HTML 14Page - YAMAHA CORPORATION YDA136 Datasheet HTML 15Page - YAMAHA CORPORATION YDA136 Datasheet HTML 16Page - YAMAHA CORPORATION YDA136 Datasheet HTML 17Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
YDA136
13
●Volume Register
Volume Register L6
R6
L5
R5
L4
R4
L3
R3
L2
R2
L1
R1
L0
R0
Volume Register L6
R6
L5
R5
L4
R4
L3
R3
L2
R2
L1
R1
L0
R0
vol=Mute
1 1 1111 1
vol= -57dB
0 1111 11
vol= 6dB
1 1 1111 0
vol= -58dB
0 1111 10
vol= 5dB
1 1 1110 1
vol= -59dB
0 1111 01
vol= 4dB
1 1 1110 0
vol= -60dB
0 1111 00
vol= 3dB
1 1 1101 1
vol= -61dB
0 1110 11
vol= 2dB
1 1 1101 0
vol= -62dB
0 1110 10
vol= 1dB
1 1 1100 1
vol= -63dB
0 1110 01
vol= 0dB
1 1 1100 0
vol= -64dB
0 1110 00
vol= -1dB
11 1011 1
vol= -65dB
0 1101 11
vol= -2dB
11 1011 0
vol= -66dB
0 1101 10
vol= -3dB
11 1010 1
vol= -67dB
0 1101 01
vol= -4dB
11 1010 0
vol= -68dB
0 1101 00
vol= -5dB
11 1001 1
vol= -69dB
0 1100 11
vol= -6dB
11 1001 0
vol= -70dB
0 1100 10
vol= -7dB
11 1000 1
vol= -71dB
0 1100 01
vol= -8dB
11 1000 0
vol= -72dB
0 1100 00
vol= -9dB
11 0111 1
vol= -73dB
0 1011 11
vol= -10dB
1 1 0111 0
0 1011 10
vol= -11dB
1 1 0110 1
0 1011 01
vol= -12dB
1 1 0110 0
0 1011 00
vol= -13dB
1 1 0101 1
0 1010 11
vol= -14dB
1 1 0101 0
0 1010 10
vol= -15dB
1 1 0100 1
0 1010 01
vol= -16dB
1 1 0100 0
0 1010 00
vol= -17dB
1 1 0011 1
0 1001 11
vol= -18dB
1 1 0011 0
0 1001 10
vol= -19dB
1 1 0010 1
0 1001 01
vol= -20dB
1 1 0010 0
0 1001 00
vol= -21dB
1 1 0001 1
0 1000 11
vol= -22dB
1 1 0001 0
0 1000 10
vol= -23dB
1 1 0000 1
0 1000 01
vol= -24dB
1 1 0000 0
0 1000 00
vol= -25dB
1 0 1111 1
0 0111 11
vol= -26dB
1 0 1111 0
0 0111 10
vol= -27dB
1 0 1110 1
0 0111 01
vol= -28dB
1 0 1110 0
0 0111 00
vol= -29dB
1 0 1101 1
0 0110 11
vol= -30dB
1 0 1101 0
0 0110 10
vol= -31dB
1 0 1100 1
0 0110 01
vol= -32dB
1 0 1100 0
0 0110 00
vol= -33dB
1 0 1011 1
0 0101 11
vol= -34dB
1 0 1011 0
0 0101 10
vol= -35dB
1 0 1010 1
0 0101 01
vol= -36dB
1 0 1010 0
0 0101 00
vol= -37dB
1 0 1001 1
0 0100 11
vol= -38dB
1 0 1001 0
0 0100 10
vol= -39dB
1 0 1000 1
0 0100 01
vol= -40dB
1 0 1000 0
0 0100 00
vol= -41dB
1 0 0111 1
0 0011 11
vol= -42dB
1 0 0111 0
0 0011 10
vol= -43dB
1 0 0110 1
0 0011 01
vol= -44dB
1 0 0110 0
0 0011 00
vol= -45dB
1 0 0101 1
0 0010 11
vol= -46dB
1 0 0101 0
0 0010 10
vol= -47dB
1 0 0100 1
0 0010 01
vol= -48dB
1 0 0100 0
0 0010 00
vol= -49dB
1 0 0011 1
0 0001 11
vol= -50dB
1 0 0011 0
0 0001 10
vol= -51dB
1 0 0010 1
0 0001 01
vol= -52dB
1 0 0010 0
0 0001 00
vol= -53dB
1 0 0001 1
0 0000 11
vol= -54dB
1 0 0001 0
0 0000 10
vol= -55dB
1 0 0000 1
0 0000 01
vol= -56dB
1 0 0000 0
0 0000 00
vol=Mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com