Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YDA136 Datasheet(PDF) 21 Page - YAMAHA CORPORATION

Part # YDA136
Description  D- 60 STEREO 60W-100W DIGITAL AUDIO POWER AMPLIFIER CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YDA136 Datasheet(HTML) 21 Page - YAMAHA CORPORATION

Back Button YDA136 Datasheet HTML 17Page - YAMAHA CORPORATION YDA136 Datasheet HTML 18Page - YAMAHA CORPORATION YDA136 Datasheet HTML 19Page - YAMAHA CORPORATION YDA136 Datasheet HTML 20Page - YAMAHA CORPORATION YDA136 Datasheet HTML 21Page - YAMAHA CORPORATION YDA136 Datasheet HTML 22Page - YAMAHA CORPORATION YDA136 Datasheet HTML 23Page - YAMAHA CORPORATION YDA136 Datasheet HTML 24Page - YAMAHA CORPORATION YDA136 Datasheet HTML 25Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
YDA136
21
■
Protect Function
●Over Current Detection Function
YDA136 has a function to perform an over current protection by detecting a voltage drop of the current detection resistor
connected to the source side of PowerMOSFET.
When the voltage of an over-current detection terminal fulfills the following conditions, it judges that it is in an over-current
condition, and becomes over-current detection mode, and then a circuit is protected.
Voltage to be monitored
Over-current detection
mode threshold
Low-Side over-current detection terminal (OCPLL, OCPLR) Voltage
< VOC2
High-Side over-current detection terminal(OCPHL, OCPHR) Voltage and VBB Potential difference
> VOC1
In the example of peripheral circuit connection, the following four over-current conditions are detected, and then it becomes
an over-current detection mode.
・
A condition in which signals after LC filter and VSS power supply is shorted.
・
A condition in which signals after LC filter of non-inverted side and signals after LC filter of inverted side is
shorted.
・
A condition in which one side of a speaker was connected to LC filter, and another side of a speaker is shorted to
the VSS power supply.
In over-current detection mode, PROTN terminal is set to “L”, simultaneously it turns off all PowerMOSFET (hard mute)
and protects a circuit.
After it is made to over-current detection mode, even if an over-current condition is canceled, it is not canceled but is held
as it is.
Over-current detection mode can be canceled by intercepting a power supply or setting a PRSTN terminal to “L” at once.
●Power Detection Function
YDA136 monitors the following three kinds voltage.
When which voltage is less than regular voltage, it becomes low voltage detection mode.
Voltage to be monitored
Constant Voltage Detection Mode Threshold
IBB Terminal Voltage(It is proportional to the
voltage between VBB and VSS)
VIB2
VDD1 (Voltage between VBB and VBS)
VVB2
VDD2 (Voltage between VDD and VSS)
VVD2
Here, since the IBB terminal has input the signal which divided VBB voltage, the IBB terminal will act as the monitor of
the VBB voltage.
Hard mute is operated in low voltage detection mode.
Among these, all registers are reset when VDD2 voltage is less than threshold voltage (VVD2).
Then, when three kinds of power supply voltage rises and a low voltage detection mode threshold is exceeded altogether,
the low voltage detection mode is canceled and a hard mute is also canceled after starting standby time (TWAIT).
●Starting Standby Time Setup
Starting standby time (TWAIT) can be set up by connecting a capacitor to the DET terminal of YDA136.
Be sure to set up to usually be set to TWAIT>=600msec for internal initialization of YDA136.
The value of starting standby time (TWAIT) and capacity (CDET) of and the capacitor linked to a DET terminal serves as the
following relations.
T
WAIT = 60(kΩ)×CDET(F)
In the case of the capacity value (10μF) of the capacitor in the example of peripheral circuit connection, TWAIT is set to
600msec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com