Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT13R90 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT13R90
Description  40-Bit Programmable Timer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT13R90 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT13R90 Datasheet HTML 1Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 2Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 3Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 4Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 5Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 6Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 7Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 8Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
HT13R90
Rev. 1.10
5
July 10, 2007
Operating Modes
The HT13R90 has 3 operating modes. MODE 0 is the continuous mode, MODE 1 is the single period mode and MODE
2 is the single pulse mode. The required mode is selected via the OMOD bits in the configuration options.
L x M O D = 1 1 1
L x M O D = 0 0 0
L x M O D = 0 0 1
L x M O D = 0 1 0
L x M O D = 1 1 1
L x M O D = 0 0 0
L x M O D = 0 0 1
L x M O D = 0 1 0
L x M O D = 1 0 0
L x C a r = 0 0 0
L x M O D = 1 0 0
S t d . W a v
D e c i d e b y L x F R E Q
( T M R 0 _ O V / 2 ~ T M R 0 _ O V / 2 5 6 )
L x C a r = 0 0 1 ~ 1 1 1
( C a r r i e r = f S Y S / 2 ~ f S Y S / 6 4 , a n d T M R 0 _ O V / 2 )
( R e f e r t o a p p l i c a t i o n h i n t s )
LED Waveform for Each Active State
Note:
To ensure the carrier pulse is visible at the onset of every pulse on the LED1 and LED2 pins, the carrier fre-
quency, which is selected by the LxCARR configuration option bits, should be set to a higher value than the
TMR0 prescaler frequency, which is selected by the PCR0M configuration option bits.To ensure that the LED1
and LED2 output pulses are visible at the onset of every active state, the output pulse frequency, which is se-
lected by the LxFREQ configuration option bits should be higher than the TMR1 prescaler frequency, which is
selected by the PCR1M configuration option bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com