Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT13R90 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT13R90
Description  40-Bit Programmable Timer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT13R90 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT13R90 Datasheet HTML 1Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 2Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 3Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 4Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 5Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 6Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 7Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 8Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS
System Clock
(Crystal OSC, RC OSC)
¾¾
¾
32768
¾
Hz
fIRC
Internal RC Oscillator Deviation
(5%)
5V
¾
31129
32768
34407
Hz
Note: tSYS=1/fSYS
IRC Characteristics Curves
IRC frequency - VDD vs. Temperature Characteristics Curve
IRC frequency - Temperature vs. VDD Characteristics Curve
Note:
The graphs of the IRC characteristics curves provided above are a statistical summary based on a limited
number of samples and are provided for reference only.
HT13R90
Rev. 1.10
3
July 10, 2007
I R C F r e q u e n c y - V D D v s . T e m p e r a t u r e
0
1 0
2 0
3 0
4 0
5 0
6 0
2 . 0 V
2 . 5 V
3 . 0 V
3 . 5 V
4 . 0 V
4 . 5 V
5 . 0 V
5 . 5 V
( V D D )
T a = 2 5 ° C
T a = - 4 5 ° C
T a = 9 0 ° C
I R C F r e q u e n c y - T e m p e r a t u r e v s . V D D
2 0
2 5
3 0
3 5
4 0
4 5
5 0
2 . 0 V
3 . 5 V
5 . 0 V
- 4 5 ° C
2 5 ° C
9 0 ° C
T e m p e r a t u r e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com