Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT13R90 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT13R90
Description  40-Bit Programmable Timer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT13R90 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT13R90 Datasheet HTML 9Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 10Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 11Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 12Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 13Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 14Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 15Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 16Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Application Circuit
Note:
²*² If the power-up ramp is sharp enough, the capacitor can be removed.
Note:
If the device is used in low noise environment, the application circuit shown above is suggested.
Note:
If the device is used in high noise environment, the application circuit shown above is suggested.
HT13R90
Rev. 1.10
13
July 10, 2007
O S C 1
O S C 2
O S C
C i r c u i t
R E S
0 . 1 m F *
1 0 0 k W
V D D
V S S
V D D
S e e R i g h t S i d e
H T 1 3 R 9 0
L E D 0 / O U T 0
L E D 1 / O U T 1 / B Z
L E D 2 / O U T 2 / B Z
O S C C i r c u i t
O S C 1
O S C 2
C r y s t a l S y s t e m O s c i l l a t o r
O S C 1
O S C 2
I R C S y s t e m O s c i l l a t o r
R O S C R a n g e T B D
O S C C i r c u i t
O S C 1
O S C 2
C r y s t a l S y s t e m O s c i l l a t o r
O S C 1
O S C 2
I R C S y s t e m O s c i l l a t o r
R O S C R a n g e T B D
O S C 1
O S C 2
O S C
C i r c u i t
R E S
0 . 1 m F
1 0 0 k W
V D D
V S S
0 . 1 m F
V D D
S e e R i g h t S i d e
H T 1 3 R 9 0
L E D 0 / O U T 0
L E D 1 / O U T 1 / B Z
L E D 2 / O U T 2 / B Z
O S C C i r c u i t
O S C 1
O S C 2
C r y s t a l S y s t e m O s c i l l a t o r
O S C 1
O S C 2
I R C S y s t e m O s c i l l a t o r
R O S C R a n g e T B D
O S C 1
O S C 2
O S C
C i r c u i t
R E S
0 . 1 m F
1 0 0 k W
V D D
V S S
0 . 1 m F
V D D
0 . 0 1 m F
1 0 k W
S e e R i g h t S i d e
H T 1 3 R 9 0
L E D 0 / O U T 0
L E D 1 / O U T 1 / B Z
L E D 2 / O U T 2 / B Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com