Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT13R90 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT13R90
Description  40-Bit Programmable Timer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT13R90 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT13R90 Datasheet HTML 1Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 2Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 3Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 4Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 5Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 6Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 7Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 8Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
HT13R90
Rev. 1.10
4
July 10, 2007
Functional Description
Power On & Reset
The HT13R90 has four different operating states,
namely the POR state, the standby state, the running
state and the wait state. The wait state can only be en-
tered when the Operating Mode bits, known as OMOD,
have a value of either 01 or 10. The POR state is the
Power on state, during which the device internal clock
will be used to load the configuration options. When the
device is in the POR state, the output pins, LED0, LED1
and LED2, will remain in a tri-state condition.
After the POR state has completed, if the RESET pin re-
mains low, the device will then enter the standby state.
In this state, the output pins will remain in an inactive
state according to the configuration option settings.The
accompanying timing diagram gives more details. For
the general case, the oscillator will cease running to re-
duce power, however the configuration options can also
be set to keep the oscillator running in the standby mode
in order to reduce the oscillator startup time.
In modes 01 and 10, after the counting ends, the device
will enter the wait state, which is different from what will
happen if the RESET line goes low. The wait state en-
compasses the same behavior as the standby state.
When the RESET line returns high, the device will enter
the running state. At the beginning of this state, the con-
figuration options will be loaded, which will initiate a re-
set, switch to the defined oscillator and start running.
R E S E T
T r i - s t a t e
R u n n i n g S t a t e
P O R S t a t e
( L o a d O p t i o n )
S t a n d b y S t a t e
R u n n i n g S t a t e
S t a n d b y
S t a t e
L o a d O p t i o n
T r i - s t a t e
T r i - s t a t e
T r i - s t a t e
L o a d O p t i o n
L E D 0
( O A C T = 1 )
L E D 0
( O A C T = 0 )
L E D 1 / 2
( L x A C T = 1 )
L E D 1 / 2
( L x A C T = 0 )
For all OMOD
R E S E T
T r i - s t a t e
R u n n i n g S t a t e
P O R S t a t e
( L o a d O p t i o n )
S t a n d b y S t a t e
R u n n i n g S t a t e
S t a n d b y
S t a t e
L o a d O p t i o n
L E D 0
( O A C T = 1 )
L E D 0
( O A C T = 0 )
T r i - s t a t e
T r i - s t a t e
T r i - s t a t e
L E D 1 / 2
( L x A C T = 1 )
L E D 1 / 2
( L x A C T = 0 )
L o a d O p t i o n
W a i t
S t a t e
For OMOD = 01 and 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com