Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT18 Datasheet(PDF) 1 Page - Supertex, Inc

Part # HT18
Description  Electronic Telephone Line Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HT18 Datasheet(HTML) 1 Page - Supertex, Inc

  HT18 Datasheet HTML 1Page - Supertex, Inc HT18 Datasheet HTML 2Page - Supertex, Inc HT18 Datasheet HTML 3Page - Supertex, Inc HT18 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HT18/ HT19
Features
350V breakdown voltage
18Ω maximum switch resistance
Current limiting protection
Operates at 2.3V input
Applications
Telephone handsets
Modems
Fax machines
Answering machines
Remote meter reading
Telephone interface products
►
►
►
►
►
►
►
►
►
►
Typical Application Circuit
Electronic Telephone Line Switch
Tip
Ring
TPG
HKS
GND
DP/DP
LS
CS
RSEN
15V
TP
HT18
or
HT19
Telecom
Circuit
Transient
Protection
General Description
The Supertex HT18LG and HT19LG are electronic line switch
circuits that replace the mechanical hook switch contact or a
discrete hook switch in a telephone handset or modem. They
switch the positive side of the telephone line using control
inputs that are referenced to the negative side of the line. In
their off state, they can withstand 350V on the positive input.
In their on state, they have a maximum series resistance of
18Ω.
The devices provide current limiting determined by an
external resistor. There are three control inputs. The HKS
pin turns on the hook switch when connected to the TPG
pin. This can be accomplished by using a mechanical switch
which closes when the handset is physically off-hook. The
LS pin allows a logic signal to turn on the hook switch. The
dial pulse, Pin 6, is used to turn the hook switch off for pulse
dialing. For the HT18, the dial pulse is active high (DP),
whereas for the HT19, it is active low (DP).


Similar Part No. - HT18

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HT18 SUTEX-HT18 Datasheet
76Kb / 3P
Electronic Telephone Line Switch
logo
Taiwan Semiconductor Co...
HT18 TSC-HT18 Datasheet
62Kb / 2P
1.0 AMP. High Efficient Rectifiers
HT18 TSC-HT18 Datasheet
272Kb / 2P
1.0 AMP. High Efficient Rectifiers
HT18 TSC-HT18 Datasheet
549Kb / 2P
1.0 AMP. High Efficient Rectifiers
HT18 TSC-HT18 Datasheet
376Kb / 4P
High Efficient Rectifiers
More results

Similar Description - HT18

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HT0638 SUTEX-HT0638 Datasheet
50Kb / 4P
Electronic Line Switch
HT18 SUTEX-HT18 Datasheet
76Kb / 3P
Electronic Telephone Line Switch
logo
Fairchild Semiconductor
ML2021 FAIRCHILD-ML2021 Datasheet
93Kb / 11P
Telephone Line Equalizer
logo
Micro Linear Corporatio...
ML2020 MICRO-LINEAR-ML2020 Datasheet
616Kb / 12P
TELEPHONE LINE EQUALIZER
ML2021 MICRO-LINEAR-ML2021 Datasheet
613Kb / 12P
TELEPHONE LINE EQUALIZER
logo
Motorola, Inc
MC34010 MOTOROLA-MC34010 Datasheet
1Mb / 24P
ELECTRONIC TELEPHONE CIRCUIT
MC34011 MOTOROLA-MC34011 Datasheet
1,011Kb / 21P
ELECTRONIC TELEPHONE CIRCUIT
logo
Supertex, Inc
HT19 SUTEX-HT19_14 Datasheet
444Kb / 4P
Electronic Telephone Line Switch
HT18 SUTEX-HT18_14 Datasheet
443Kb / 4P
Electronic Telephone Line Switch
logo
STMicroelectronics
STELPD01 STMICROELECTRONICS-STELPD01 Datasheet
1Mb / 27P
Electronic load switch for power line
17-Jan-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com