Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC600AIMSTRT Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC600AIMSTRT
Description  mAhXLifeTM LED Driver with 5.0V, 4.5V, or 4.0V Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC600AIMSTRT Datasheet(HTML) 4 Page - Semtech Corporation

  SC600AIMSTRT Datasheet HTML 1Page - Semtech Corporation SC600AIMSTRT Datasheet HTML 2Page - Semtech Corporation SC600AIMSTRT Datasheet HTML 3Page - Semtech Corporation SC600AIMSTRT Datasheet HTML 4Page - Semtech Corporation SC600AIMSTRT Datasheet HTML 5Page - Semtech Corporation SC600AIMSTRT Datasheet HTML 6Page - Semtech Corporation SC600AIMSTRT Datasheet HTML 7Page - Semtech Corporation SC600AIMSTRT Datasheet HTML 8Page - Semtech Corporation SC600AIMSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC600
Pin Configuration
Ordering Information
e
g
a
t
l
o
V
t
u
p
t
u
Ot
u
p
t
u
O
m
u
m
i
x
a
M
m
o
r
f
t
n
e
r
r
u
C
A
m
0
6
o
t
0
t
u
p
t
u
O
m
u
m
i
x
a
M
m
o
r
f
t
n
e
r
r
u
C
A
m
0
2
1
o
t
0
6
f
o
e
g
n
a
R
d
e
d
n
e
t
x
E
r
e
w
o
P
r
o
f
e
d
o
M
x
5
.
1
s
g
n
i
v
a
S
e
c
i
v
e
D
V
0
.
5X
A
0
0
6
C
S
V
5
.
4X
B
0
0
6
C
S
V
5
.
4X
X
C
0
0
6
C
S
V
0
.
4X
X
D
0
0
6
C
S
e
c
i
v
e
D
)
1
(
t
u
p
t
u
Oe
g
a
k
c
a
P
R
T
S
M
I
A
0
0
6
C
SV
0
.
5
,
A
m
0
6
0
1
-
P
O
S
M
R
T
S
M
I
B
0
0
6
C
SV
5
.
4
,
A
m
0
2
1
R
T
S
M
I
C
0
0
6
C
SV
5
.
4
,
A
m
0
6
R
T
S
M
I
D
0
0
6
C
SV
0
.
4
,
A
m
0
2
1
T
R
T
S
M
I
A
0
0
6
C
SV
0
.
5
,
A
m
0
6
0
1
-
P
O
S
M
e
e
r
F
-
d
a
e
L
)
2
(
T
R
T
S
M
I
B
0
0
6
C
SV
5
.
4
,
A
m
0
2
1
T
R
T
S
M
I
C
0
0
6
C
SV
5
.
4
,
A
m
0
6
T
R
T
S
M
I
D
0
0
6
C
SV
0
.
4
,
A
m
0
2
1
R
T
L
M
I
A
0
0
6
C
SV
0
.
5
,
A
m
0
6
0
1
-
D
P
L
M
R
T
L
M
I
B
0
0
6
C
SV
5
.
4
,
A
m
0
2
1
R
T
L
M
I
C
0
0
6
C
SV
5
.
4
,
A
m
0
6
R
T
L
M
I
D
0
0
6
C
SV
0
.
4
,
A
m
0
2
1
T
R
T
L
M
I
A
0
0
6
C
SV
0
.
5
,
A
m
0
6
0
1
-
D
P
L
M
e
e
r
F
-
d
a
e
L
)
2
(
T
R
T
L
M
I
B
0
0
6
C
SV
5
.
4
,
A
m
0
2
1
T
R
T
L
M
I
C
0
0
6
C
SV
5
.
4
,
A
m
0
6
T
R
T
L
M
I
D
0
0
6
C
SV
0
.
4
,
A
m
0
2
1
B
V
E
0
0
6
C
Se
h
t
e
d
u
l
c
n
i[
d
r
a
o
B
n
o
it
a
u
l
a
v
E
n
e
h
w
r
e
b
m
u
n
t
r
a
p
t
n
e
n
o
p
m
o
c
]
g
n
ir
e
d
r
o
Notes:
1) Available in Tape and Reel only. A reel contains 2500
devices for MSOP and 3000 devices for the MLPD package.
2) This product is fully WEEE and RoHS compliant.
Component Selection
MLPD
MSOP
CF1+
TOP VIEW
10
9
8
7
6
5
1
2
3
4
VOUT
VIN
CD4
CX8
CF1-
GND
CF2+
CF2-
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com