Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC600AIMSTRT Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC600AIMSTRT
Description  mAhXLifeTM LED Driver with 5.0V, 4.5V, or 4.0V Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC600AIMSTRT Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC600AIMSTRT Datasheet HTML 5Page - Semtech Corporation SC600AIMSTRT Datasheet HTML 6Page - Semtech Corporation SC600AIMSTRT Datasheet HTML 7Page - Semtech Corporation SC600AIMSTRT Datasheet HTML 8Page - Semtech Corporation SC600AIMSTRT Datasheet HTML 9Page - Semtech Corporation SC600AIMSTRT Datasheet HTML 10Page - Semtech Corporation SC600AIMSTRT Datasheet HTML 11Page - Semtech Corporation SC600AIMSTRT Datasheet HTML 12Page - Semtech Corporation SC600AIMSTRT Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC600
Applications Information (Cont.)
Brightness Control with PWM Input
Brightness control using a PWM input can be achieved
with the application circuit below. Note that by connecting
CX8 to the PWM signal the switching frequency is changed
as the PWM signal changes. The charge pump operates
at 262kHz during the on-time when there is a demand for
current, and then changes to 32kHz when there is no load
current. This is done to save battery power by taking ad-
vantage of the lower 280μA quiescent current at 32kHz.
The ripple voltage seen at the output is reasonable for
LED applications, but the output capacitance can be in-
creased to reduce the ripple if required. The sum of the
LED currents for this circuit is 55mA during the on-time.
White LED Driver Circuit with PWM Brightness Control
Voltage Waveforms for LED Driver Circuit
Cin
1uF
2.7V to 6. 5V
Cbucket1
1uF
Cbucket2
1uF
VI N
EN
CD4
CX8
GN D
CF2-
CF2+
CF1-
CF1 +
VOUT
3
6
4
5
8
7
10
9
2
1
U1
Cout
1uF
PW M
10 0
10 0
100
5.0 V
Ripple Voltage vs. Input Voltage
0
50
100
150
200
250
300
350
400
450
500
2.8
3.3
3.8
4.3
4.8
5.3
5.8
Input Voltage [V]
Vout p-p
Vin p-p
Battery Current vs. Input Voltage
for Various Duty Cycles
0
20
40
60
80
100
120
2.83
3.23.43.63.84
Input Voltage [V]
89.20%
70.30%
50.20%
30.20%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com