Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC600AIMSTRT Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC600AIMSTRT
Description  mAhXLifeTM LED Driver with 5.0V, 4.5V, or 4.0V Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC600AIMSTRT Datasheet(HTML) 3 Page - Semtech Corporation

  SC600AIMSTRT Datasheet HTML 1Page - Semtech Corporation SC600AIMSTRT Datasheet HTML 2Page - Semtech Corporation SC600AIMSTRT Datasheet HTML 3Page - Semtech Corporation SC600AIMSTRT Datasheet HTML 4Page - Semtech Corporation SC600AIMSTRT Datasheet HTML 5Page - Semtech Corporation SC600AIMSTRT Datasheet HTML 6Page - Semtech Corporation SC600AIMSTRT Datasheet HTML 7Page - Semtech Corporation SC600AIMSTRT Datasheet HTML 8Page - Semtech Corporation SC600AIMSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC600
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Output Current
I
OUT
Freq. = 262kHz or 650kHz(2); Versions A & C
60
mA
Freq. = 262kHz or 650kHz(2); Versions B & D
120
Freq. = 8kHz; Versions A & C
5
Freq. = 8kHz; Versions B & D
10
Freq. = 32kHz; Versions A & C
20
Freq. = 32kHz; Versions B & D
40
Pump Frequency
f
PUMP
Enable = 1, CD4 = 0, CX8 = 0
-15%
32.768
+15%
kHz
Enable = 1, CD4 = 1, CX8 = 0
-15%
8.192
+15%
Enable = 1, CD4 = 0, CX8 = 1
-13%
262.14
+15%
Enable = 1, CD4 = 1, CX8 = 1
-20%
650
+20%
Frequency Mode
Transition Time
T
FMT
Transition time from one frequency
mode to any other frequency mode(3)
1
Period
Short Circuit Current
I
SC
V
OUT = 0V, IOUT = IIN
180
600
mA
Input High Threshold
V
IH
All Input Pins (Enable, CD4, CX8)
1.3
V
Input Low Threshold
V
IL
All Input Pins (Enable, CD4, CX8)
0.4
V
Input High Current
I
IH
All Input Pins (Enable, CD4, CX8)
10
μA
Input Low Current
I
IL
All Input Pins (Enable, CD4, CX8)
10
μA
Mode Transition
Voltage
V
IN
1.5x to 2x mode, Versions A & B
3.43
3.50
3.56
V
2x to 1.5x mode, Versions A & B
3.48
3.58
3.64
V
Hysteresis
30
80
180
mV
V
IN
1.5x to 2x mode, Versions C & D
3.23
3.30
3.36
V
2x to 1.5x mode, Versions C & D
3.33
3.40
3.46
V
Hysteresis
40
100
180
mV
Power Efficiency
from Battery to
Regulated Charge
Pump Output@262kHz
η
V
IN = 3.60V, VOUT = 5.0V, IOUT = 60mA
92
%
V
IN = 3.60V, VOUT = 4.5V, IOUT = 120mA
83
%
Output Ripple
Voltage
V
PP
Freq = 262kHz, I
OUT = 60mA
(2), (3)
25
45
mV
Notes:
1) Version C has an extended input voltage range of operation at V
IN = 2.60V to 5.5V.
2) 650kHz allows the use of a smaller bucket capacitor.
3) Guaranteed by design.
4) Peak-to-peak output ripple voltage with C
OUT = CBUCKET =1μF and X5R dielectric.
Electrical Characteristics (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com