Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC600AIMSTRT Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC600AIMSTRT
Description  mAhXLifeTM LED Driver with 5.0V, 4.5V, or 4.0V Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC600AIMSTRT Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC600AIMSTRT Datasheet HTML 10Page - Semtech Corporation SC600AIMSTRT Datasheet HTML 11Page - Semtech Corporation SC600AIMSTRT Datasheet HTML 12Page - Semtech Corporation SC600AIMSTRT Datasheet HTML 13Page - Semtech Corporation SC600AIMSTRT Datasheet HTML 14Page - Semtech Corporation SC600AIMSTRT Datasheet HTML 15Page - Semtech Corporation SC600AIMSTRT Datasheet HTML 16Page - Semtech Corporation SC600AIMSTRT Datasheet HTML 17Page - Semtech Corporation SC600AIMSTRT Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
14
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC600
Typical Characteristics (Cont.)
Evaluation Board Schematic
Evaluation Board Bill of Materials
Reference
Value
Comment
U1
SC600
MSOP-10 or MLPD-10 lead 3x3mm
C1, C2, C3, C4
1.0µF
Ceramic, low ESR type
C5
10µF
This extra capacitor supports usage of long power leads from a benchtop supply
R7, R8, R9
-
Add limiting resistors to meet the requirements of the application
D1, D2, D3
-
Add white or blue LEDs to meet the requirements of the applicaton on SMT pads
D4, D5, D6
-
Add white or blue LEDs to meet the requirements of the application on PTH pads
60
65
70
75
80
85
90
95
3.0
3.2
3.4
3.6
3.8
4.0
4.2
Input Voltage [V]
SC600B 4.5V@120mA
SC600C 4.5V@60mA
60
65
70
75
80
85
90
95
3.0
3.2
3.4
3.6
3.8
4.0
4.2
Input Voltage [V]
SC600A 5.0V@60mA
SC600D 4.0V@120mA
Efficiency vs. Input Voltage for B and C Version
Efficiency vs. Input Voltage for A and D Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com