Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC486IMLTRT Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC486IMLTRT
Description  Complete DDR1/2/3 Memory Power Supply
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC486IMLTRT Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC486IMLTRT Datasheet HTML 8Page - Semtech Corporation SC486IMLTRT Datasheet HTML 9Page - Semtech Corporation SC486IMLTRT Datasheet HTML 10Page - Semtech Corporation SC486IMLTRT Datasheet HTML 11Page - Semtech Corporation SC486IMLTRT Datasheet HTML 12Page - Semtech Corporation SC486IMLTRT Datasheet HTML 13Page - Semtech Corporation SC486IMLTRT Datasheet HTML 14Page - Semtech Corporation SC486IMLTRT Datasheet HTML 15Page - Semtech Corporation SC486IMLTRT Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
12
 2006 Semtech Corp.
www.semtech.com
SC486
POWER MANAGEMENT
VDDQ Current Limit Circuit (Cont.)
ILIMIT
ILOAD
IPEAK
TIME
Valley Current-Limit Threshold Point
Figure 3: Valley Current Limiting
The equation for the current limit threshold is as follows:
A
R
R
10e
I
SENSE
ILIM
6
-
LIMIT
•
=
Where (referring to Figure 2) R
ILIM is R10 and RSENSE is the
R
DS(ON) of the bottom of Q1.
For resistor sensing, a sense resistor is placed between
the source of Q1 and PGND1. The current through the
source sense resistor develops a voltage that opposes
the voltage developed across R
ILIM. When the voltage
developed across the R
SENSE resistor reaches the voltage
drop across R
ILIM, a positive over-current exists and the
high side MOSFET will not be allowed to turn on. When
using an external sense resistor R
SENSE is the resistance
of the sense resistor.
The current limit circuitry also protects against negative
over-current (i.e. when the current is flowing from the
load to PGND1 through the inductor and bottom MOSFET).
In this case, when the bottom MOSFET is turned on, the
phase node, LX, will be higher than PGND initially. The
SC486 monitors the voltage at LX, and if it is greater
than a set threshold voltage of 125mV (nom.) the
bottom MOSFET is turned off. The device then waits for
approximately 2.5µs and then DL goes high for 300ns
(typ.) once more to sense the current. This repeats until
either the over-current condition goes away or the part
latches off due to output overvoltage (see Output
Overvoltage Protection).
Power Good Output
The VDDQ output has its own power good output. Power
good is an open-drain output and requires a pull-up
resistor. When VDDQ is 16% above or 10% below its set
voltage, PGD gets pulled low. It is held low until the
output voltage returns to within these thresholds. PGD
is also held low during start-up and will not be allowed to
transition high until soft start is over (440 switching
cycles) and the output reaches 90% of its set voltage.
There is a 5µs delay built into the PGD circuitry to
prevent false transitions.
Output Overvoltage Protection
VDDQ: when the output exceeds 16% of its set
voltage the low-side MOSFET is latched on. It stays
latched on and the controller is latched off until reset
(see below). There is a 5µs delay built into the OV
protection circuit to prevent false transitions. An OV fault
in VDDQ will cause REF and VTT to turn off (high-Z) also
when VDDQ drops below 0.5V. Note: to reset from any
fault, VCCA or EN/PSV must be toggled.
VTT: when the output exceeds 12% of its set voltage the
output is latched in a tri-stated condition (high-Z). The
controller stays latched off until reset (see below). There
is a 50µs delay built into the OV protection circuit to
prevent false transitions. An OV fault in VTT will not
affect VDDQ or REF. To reset VTT from a fault, VCCA or
VTTEN or EN/PSV must be toggled.
Output Undervoltage Protection
VDDQ: when the output is 30% below its set voltage the
output is latched in a tri-stated condition. It stays latched
and the controller is latched off until reset (see below).
There is a 5µs delay built into the UV protection circuit to
prevent false transitions. An UV fault in VDDQ will cause
REF and VTT to turn off (high-Z) also when VDDQ drops
below 0.5V.
VTT: when the output is 12% below its set voltage the
output is latched in a tri-stated condition (high-Z). The
controller stays latched off until reset (see below). There
is a 50µs delay built into the UV protection circuit to
prevent false transitions. An UV fault in VTT will not
affect VDDQ or REF. To reset VTT from a fault, VCCA or
VTTEN or EN/PSV must be toggled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com