Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC486IMLTRT Datasheet(PDF) 19 Page - Semtech Corporation

Part # SC486IMLTRT
Description  Complete DDR1/2/3 Memory Power Supply
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC486IMLTRT Datasheet(HTML) 19 Page - Semtech Corporation

Back Button SC486IMLTRT Datasheet HTML 15Page - Semtech Corporation SC486IMLTRT Datasheet HTML 16Page - Semtech Corporation SC486IMLTRT Datasheet HTML 17Page - Semtech Corporation SC486IMLTRT Datasheet HTML 18Page - Semtech Corporation SC486IMLTRT Datasheet HTML 19Page - Semtech Corporation SC486IMLTRT Datasheet HTML 20Page - Semtech Corporation SC486IMLTRT Datasheet HTML 21Page - Semtech Corporation SC486IMLTRT Datasheet HTML 22Page - Semtech Corporation SC486IMLTRT Datasheet HTML 23Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
19
 2006 Semtech Corp.
www.semtech.com
SC486
POWER MANAGEMENT
Layout Guidelines
One (or more) ground planes is/are recommended to minimize the effect of switching noise and copper losses, and
maximize heat dissipation. The IC ground reference, VSSA, should be connected to PGND1 and PGND2 as a star
connection at the thermal pad, which in turn is connected using 4 vias to the ground plane. All components that are
referenced to VSSA should connect to it directly on the chip side, and not through the ground plane.
VDDQ: the feedback trace must be kept far away from noise sources such as switching nodes, inductors and gate
drives. Route the feedback trace in a quiet layer if possible from the output capacitor back to the chip.
Chip supply decoupling capacitors (VCCA, VDDP) should be located next to the pins (VCCA and VSSA, VDDP and
PGND1) and connected directly to them on the same side.
VTT: output capacitors should be located right across the VTT output pins (VTT and PGND2) as close as possible to
the part to minimize parasitics.
The switcher power section should connect directly to the ground plane(s) using multiple vias as required for current
handling (including the chip power ground connections). Power components should be placed to minimize loops and
reduce losses. Make all the connections on one side of the PCB using wide copper filled areas if possible. Do not
use “minimum” land patterns for power components. Minimize trace lengths between the gate drivers and the
gates of the MOSFETs to reduce parasitic impedances (and MOSFET switching losses), the low-side MOSFET is most
critical. Maintain a length to width ratio of <20:1 for gate drive signals. Use multiple vias as required by current
handling requirement (and to reduce parasitics) if routed on more than one layer. Current sense connections must
always be made using Kelvin connections to ensure an accurate signal.
We will examine the SC486 DDR2 reference design used in the Design Procedure section while explaining the layout
guidelines in more detail.
+
C14
220u/15m
VDDQ
+
C13
220u/15m
VDDQ
C17
1u
C16
10u
VTT
C12
1u
R2
10R
5VSUS 5VRUN
C3
no-pop
R7 10R
REF
R6
10R
C9
1u
R4 10R
C2
1u
R5 4k64
R8
23k2
PGOOD
VBAT
C11
1n
C1
no-pop
C10
no-pop
R9 0R
VDDQ
R10 13k0
C18
1u
C4
0.1uF
D1
R3 470k
5VSUS
C5
2n2/50V
R1
715k
VBAT
L1
1u5
C15
10u
PGND1
18
REF
8
EN/PSV
1
TON
2
VDDQS
3
VCCA
5
FB
6
PGD
7
VSSA
4
PGND2
17
DL
19
VDDP
20
ILIM
21
LX
22
DH
23
BST
24
VTTEN
11
VTT
15
PGND2
16
VTTIN
12
VTTIN
13
VTT
14
VTTS
10
COMP
9
U1
SC486
Q1
IRF7811AV
Q2
FDS6676S
C6
0u1/25V
C7
10u/25V
C8
10u/25V
Figure 4: DDR2 Reference Design and Layout Example
Sample DDR2 Design Using SC486
VBAT = 9V to 19.2V
VDDQ = 1.8V @ (8+2)A
VTT = 0.9V @ 2A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com