Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC486IMLTRT Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC486IMLTRT
Description  Complete DDR1/2/3 Memory Power Supply
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC486IMLTRT Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC486IMLTRT Datasheet HTML 14Page - Semtech Corporation SC486IMLTRT Datasheet HTML 15Page - Semtech Corporation SC486IMLTRT Datasheet HTML 16Page - Semtech Corporation SC486IMLTRT Datasheet HTML 17Page - Semtech Corporation SC486IMLTRT Datasheet HTML 18Page - Semtech Corporation SC486IMLTRT Datasheet HTML 19Page - Semtech Corporation SC486IMLTRT Datasheet HTML 20Page - Semtech Corporation SC486IMLTRT Datasheet HTML 21Page - Semtech Corporation SC486IMLTRT Datasheet HTML 22Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
18
 2006 Semtech Corp.
www.semtech.com
SC486
POWER MANAGEMENT
Thermal Considerations
The junction temperature of the device may be calculated
as follows:
C
P
T
T
JA
D
A
J
°
θ
•
+
=
Where:
T
A = ambient temperature (°C)
P
D = power dissipation in (W)
θ
JA = thermal impedance junction to ambient from
absolute maximum ratings (°C/W)
The power dissipation may be calculated as follows,
assuming that VTT spends 50% of its time sourcing
current and 50% sinking:
()
W
ITT
VTT
VTTIN
D
mA
1
VBST
f
Q
V
I
VDDP
I
VCCA
P
g
g
VDDP
VCCA
D
•
−
+
•
•
+
•
•
+
•
+
•
=
Where:
VCCA = chip supply voltage (V)
I
VCCA = operating current (A)
VDDP = gate drive supply voltage (V)
I
VDDP = gate drive operating current (A)
V
g = gate drive voltage, typically 5V (V)
Q
g = FET gate charge, from the FET datasheet (C)
f = switching frequency (Hz)
VBST = boost pin voltage during t
ON (V)
D = duty cycle
VTTIN = input voltage for VTT LDO (V)
ITT = maximum VTT current (A)
Inserting the following values for VBAT
(MIN) condition (since
this is the worst case condition for power dissipation in
the controller) as an example):
T
A = 85°C
θ
JA = 29°C/W
VCCA = VDDP = 5V
I
VCCA = 2500µA (data sheet maximum)
I
VDDP = 150µA (data sheet maximum)
V
g = 5V
Q
g = 60nC
f = 366kHz
VBAT
(MIN) = 8V
VBST
(MIN) = VBAT(MIN)+VDDP = 13V
D
1(MIN) = 1.8/8 = 0.225
VDDQ = VTTIN = 1.8V
VTT = 0.9V
ITT = 1.2A
gives us:
()
W
206
.
1
2
.
1
9
.
0
8
.
1
225
.
0
mA
1
13
e
366
e
60
5
e
150
5
e
2500
5
P
3
9
6
6
D
=
•
−
+
•
•
+
•
•
+
•
+
•
=
−
−
−
and therefore:
C
120
29
206
.
1
85
TJ
°
=
•
+
=
As can be seen, the heating effects due to internal power
dissipation are dominated by the VTT LDO, but they can
be managed comfortably by the MLPQ-24 package which
is heatsunk to the ground plane using 4 vias from its
thermal pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com