Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC486IMLTRT Datasheet(PDF) 20 Page - Semtech Corporation

Part # SC486IMLTRT
Description  Complete DDR1/2/3 Memory Power Supply
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC486IMLTRT Datasheet(HTML) 20 Page - Semtech Corporation

Back Button SC486IMLTRT Datasheet HTML 16Page - Semtech Corporation SC486IMLTRT Datasheet HTML 17Page - Semtech Corporation SC486IMLTRT Datasheet HTML 18Page - Semtech Corporation SC486IMLTRT Datasheet HTML 19Page - Semtech Corporation SC486IMLTRT Datasheet HTML 20Page - Semtech Corporation SC486IMLTRT Datasheet HTML 21Page - Semtech Corporation SC486IMLTRT Datasheet HTML 22Page - Semtech Corporation SC486IMLTRT Datasheet HTML 23Page - Semtech Corporation SC486IMLTRT Datasheet HTML 24Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
20
 2006 Semtech Corp.
www.semtech.com
SC486
POWER MANAGEMENT
Layout Guidelines (Cont.)
The layout can be considered in three parts, the control section referenced to VSSA, the VTT output, and the
switcher power section. Looking at the control section first, locate all components referenced to VSSA1 on the
schematic and place these components at the chip. Connect VSSA using a wide (>0.020”) trace. Very little current
flows in the chip ground therefore large areas of copper are not needed. Connect the VSSA pin directly to the
thermal pad under the device as the only connection to PGND from VSSA.
VDDQ
C12
1u
5VRUN
C3
no-pop
R7 10R
REF
R6
10R
C9
1u
R4 10R
C2
1u
R5 4k64
R8
23k2
C11
1n
C1
no-pop
C10
no-pop
PGND1
18
REF
8
EN/PSV
1
TON
2
VDDQS
3
VCCA
5
FB
6
PGD
7
VSSA
4
PGND2
17
DL
19
VDDP
20
ILIM
21
LX
22
DH
23
BST
24
VTTEN
11
VTT
15
PGND2
16
VTTIN
12
VTTIN
13
VTT
14
VTTS
10
COMP
9
PAD
U1
SC486
C18
1u
Figure 7: Components Connected to VSSA
Figure 8: Example VSSA 0.020” Trace



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com