Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1480AEVB Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC1480AEVB
Description  DDR and DDR Memory VTT power Supply Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1480AEVB Datasheet(HTML) 4 Page - Semtech Corporation

  SC1480AEVB Datasheet HTML 1Page - Semtech Corporation SC1480AEVB Datasheet HTML 2Page - Semtech Corporation SC1480AEVB Datasheet HTML 3Page - Semtech Corporation SC1480AEVB Datasheet HTML 4Page - Semtech Corporation SC1480AEVB Datasheet HTML 5Page - Semtech Corporation SC1480AEVB Datasheet HTML 6Page - Semtech Corporation SC1480AEVB Datasheet HTML 7Page - Semtech Corporation SC1480AEVB Datasheet HTML 8Page - Semtech Corporation SC1480AEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
 2003 Semtech Corp.
www.semtech.com
SC1480A
POWER MANAGEMENT
Notes:
(1) The output voltage will have a DC regulation level higher than the error-comparator threshold by 50% of the
ripple voltage.
(2) Using a current sense resistor, this measurement relates to PGND minus the voltage of the source on the
low-side MOS.ET.
(3) This device is ESD sensitive. Use of ESD handling precautions is required.
(4) Measured in accordance with JESD51-1, JESD51-2 and JESD51-7.
(5) clks = switching cycles.
(6) Guaranteed by design. Please see Shoot-Through Delay Timing Diagram on Page 5.
(7) Semtech’s SmartDriverTM .ET drive first pulls DH high with a pull-up resistance of 10Ω (typ.) until LX = 1.5V (typ.).
At this point, an additional pull-up device is activated, reducing the resistance to 2Ω (typ.).
Electrical Characteristics Cont.
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
CC
°
5
2C
°
5
2
1
o
t
C
°
0
4
-s
t
i
n
U
n
i
Mp
y
Tx
a
Mn
i
Mx
a
M
)
.
t
n
o
C
(
n
o
i
t
c
e
t
o
r
P
t
l
u
a
F
y
a
l
e
D
t
l
u
a
F
D
G
PD
G
P
e
d
i
s
t
u
o
d
e
c
r
o
f
B
F
w
o
d
n
i
w
5s
µ
d
l
o
h
s
e
r
h
T
e
g
a
t
l
o
V
r
e
d
n
U
A
C
C
V)
s
i
s
e
r
e
t
s
y
h
V
m
0
0
1
(
g
n
il
l
a
F0
.
47
.
33
.
4V
d
l
o
h
s
e
r
h
T
e
g
a
t
l
o
V
r
e
d
n
U
P
D
D
Vg
n
il
l
a
F5
.
3V
s
i
s
e
r
e
t
s
y
H
e
g
a
t
l
o
V
r
e
d
n
U
P
D
D
V
0
5
2V
m
t
u
o
k
c
o
L
e
r
u
t
a
r
e
p
m
e
T
r
e
v
Os
i
s
e
r
e
t
s
y
H
C
°
0
15
6
1C
t
r
a
t
S
t
f
o
S
e
m
i
T
p
m
a
R
t
r
a
t
S
-
t
f
o
Sh
g
i
h
D
G
P
o
t
h
g
i
h
N
I
F
E
R0
4
4s
k
l
c
)
5
(
e
m
i
T
k
n
a
l
B
e
g
a
t
l
o
V
-
r
e
d
n
Uh
g
i
h
V
U
o
t
h
g
i
h
N
I
F
E
R0
4
4s
k
l
c
)
5
(
s
r
e
v
i
r
D
e
t
a
G
y
a
l
e
D
h
g
u
o
r
h
T
-
t
o
o
h
S
)
6
(
g
n
i
s
i
r
L
D
r
o
H
D0
3s
n
e
c
n
a
t
s
i
s
e
R
n
w
o
D
-
ll
u
P
L
Dw
o
l
L
D8
.
06
.
1
Ω
e
c
n
a
t
s
i
s
e
R
p
U
-
ll
u
P
L
Dh
g
i
h
L
D2
4
Ω
e
c
n
a
t
s
i
s
e
R
n
w
o
D
-
ll
u
P
H
DV
5
=
X
L
-
T
S
B
,
w
o
l
H
D2
4
Ω
e
c
n
a
t
s
i
s
e
R
p
U
-
ll
u
P
H
D
)
7
(
V
5
=
X
L
-
T
S
B
,
h
g
i
h
H
D2
4
Ω
t
n
e
r
r
u
C
k
n
i
S
L
DV
L
D
V
5
.
2
=1
.
3A
t
n
e
r
r
u
C
e
c
r
u
o
S
L
DV
L
D
V
5
.
2
=3
.
1A
t
n
e
r
r
u
C
e
c
r
u
o
S
/
k
n
i
S
H
DV
H
D
V
5
.
2
=3
.
1A
Test Conditions: V
BAT = 2.5V, REFIN = 1.25, VCCA = VDDP = 5.0V, VOUT = 1.25V, RTON = 1MΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com