Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1480AEVB Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC1480AEVB
Description  DDR and DDR Memory VTT power Supply Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1480AEVB Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC1480AEVB Datasheet HTML 6Page - Semtech Corporation SC1480AEVB Datasheet HTML 7Page - Semtech Corporation SC1480AEVB Datasheet HTML 8Page - Semtech Corporation SC1480AEVB Datasheet HTML 9Page - Semtech Corporation SC1480AEVB Datasheet HTML 10Page - Semtech Corporation SC1480AEVB Datasheet HTML 11Page - Semtech Corporation SC1480AEVB Datasheet HTML 12Page - Semtech Corporation SC1480AEVB Datasheet HTML 13Page - Semtech Corporation SC1480AEVB Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
10
 2003 Semtech Corp.
www.semtech.com
SC1480A
POWER MANAGEMENT
Applications Information (Cont.)
The on pulse in the SC1480A is calculated to give a
pseudo fixed frequency. Nevertheless, some frequency
variation with line and load can be expected. This variation
changes the output ripple voltage. Because constant on
regulators regulate to the valley of the output ripple, ½
of the output ripple appears as a DC regulation error.
.or example, if RE.OUT=0.9V, then the valley of the
output ripple will be 0.9V. If the ripple is 20mV with VBAT
= 6V, then the DC output voltage will be 0.91V. If the
ripple is 30mV with VBAT = 25V, then the DC output
voltage will be 0.915V.
The output inductor value may change with current. This
will change the output ripple and thus the DC output
voltage. It will not change the frequency.
Switching frequency variation with load can be minimized
by choosing MOS.ETs with lower R
DS(ON). High RDS(ON)
MOS.ETs will cause the switching frequency to increase
as the load current increases. This will reduce the ripple
and thus the DC output voltage.
Input (VBAT) Supply Selection
The SC1480A can be configured so that VTT is generated
directly from the battery. Alternatively, VTT can be
generated from VDDQ. Since the battery configuration
generally yields better overall efficiency and performance,
the recommended method is to generate VTT from the
battery.
Design Procedure
Prior to designing an output and making component
selections, it is necessary to determine the input voltage
range and the output voltage specifications. .or purposes
of demonstrating the procedure the VTT output for the
schematic in .igure 3 on Page 14 will be designed.
The maximum input voltage (V
BAT(MAX)) is determined by
the highest AC adaptor voltage. The minimum input
voltage (V
BAT(MIN)) is determined by the lowest battery
voltage after accounting for voltage drops due to
connectors, fuses and battery selector switches. .or the
purposes of this design example we will use a V
BAT range
of 8V to 20V.
.our parameters are needed for the output:
1) nominal output voltage, V
OUT (for DDR2 this is 0.9V)
2) static (or DC) tolerance, TOL
ST (for DDR2 this is
+/-40mV, or 4.44%, we will design for 4%)
3) transient tolerance, TOL
TR and size of transient (for
DDR2 this is undefined, so assume +/-8% for purposes
of this demonstration).
4) maximum output current, I
OUT (we will design for 3A)
Switching frequency determines the trade-off between
size and efficiency. Increased frequency increases the
switching losses in the MOS.ETs, since losses are a
function of VIN2. Knowing the maximum input voltage and
budget for MOS.ET switches usually dictates where the
design ends up. A default R
tON value of 715kΩ is
suggested as a starting point, but this is not set in stone.
The first thing to do is to calculate the on-time, t
ON, at
V
BAT(MIN) and VBAT(MAX), since this depends only upon VBAT,
V
OUT and RtON. .or VOUT < 3.3V:
()
s
10
50
V
V
10
37
R
10
3
.
3
t
9
)
MIN
(
BAT
OUT
3
tON
12
)
MIN
(
VBAT
_
ON
−
−
•
+
•
•
+
•
•
=
.rom this value of t
ON we can calculate the nominal
switching frequency as follows:
()Hz
t
V
V
f
)
MIN
(
VBAT
_
ON
)
MIN
(
BAT
OUT
)
MIN
(
VBAT
_
SW
•
=
and
()Hz
t
V
V
f
)
MAX
(
VBAT
_
ON
)
MAX
(
BAT
OUT
)
MAX
(
VBAT
_
SW
•
=
t
ON is generated by a one-shot comparator that samples
V
BAT via RtON, converting this to a current. This current is
used to charge an internal 3.3p. capacitor to V
OUT. The
equations above reflect this along with any internal
components or delays that influence t
ON. .or our DDR2
VTT example we select R
tON = 715kΩ:
t
ON_VBAT(MIN) = 329ns and tON_VBAT(MAX) = 162ns
f
SW_VBAT(MIN) = 342kHz and fSW_VBAT(MAX) = 278kHz
Now that we know t
ON we can calculate suitable values
for the inductor. To do this we select an acceptable
inductor ripple current. The calculations below assume
50% of I
OUT which will give us a starting place.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com