Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1480AEVB Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC1480AEVB
Description  DDR and DDR Memory VTT power Supply Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1480AEVB Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC1480AEVB Datasheet HTML 10Page - Semtech Corporation SC1480AEVB Datasheet HTML 11Page - Semtech Corporation SC1480AEVB Datasheet HTML 12Page - Semtech Corporation SC1480AEVB Datasheet HTML 13Page - Semtech Corporation SC1480AEVB Datasheet HTML 14Page - Semtech Corporation SC1480AEVB Datasheet HTML 15Page - Semtech Corporation SC1480AEVB Datasheet HTML 16Page - Semtech Corporation SC1480AEVB Datasheet HTML 17Page - Semtech Corporation SC1480AEVB Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
14
 2003 Semtech Corp.
www.semtech.com
SC1480A
POWER MANAGEMENT
Application Information (Cont.)
Layout Guidelines
One (or more) ground planes is/are recommended to minimize the effect of switching noise and copper losses, and
maximize heat dissipation. The IC ground reference, VSSA, should be kept separate from power ground. All
components that are referenced to VSSA should connect to it locally at the chip. VSSA should connect to power
ground at the output capacitor(s) only.
.eedback traces must be kept far away from noise sources such as switching nodes, inductors and gate drives.
Route the feedback trace with VSSA as a differential pair from the output capacitor back to the chip. Run them in
a “quiet layer” if possible.
Chip decoupling capacitors (VDDP, VCCA) should be located next to the pins (VDDP and PGND, VCCA and VSSA) and
connected directly to them on the same side.
Power sections should connect directly to the ground plane(s) using multiple vias as required for current handling
(including the chip power ground connections). Power components should be placed to minimize loops and reduce
losses. Make all the connections on one side of the PCB using wide copper filled areas if possible. Do not use
“minimum” land patterns for power components. Minimize trace lengths between the gate drivers and the gates of
the MOS.ETs to reduce parasitic impedances (and MOS.ET switching losses), the low-side MOS.ET is most critical.
Maintain a length to width ratio of <20:1 for gate drive signals. Use multiple vias as required by current handling
requirement (and to reduce parasitics) if routed on more than one layer
Current sense connections must always be made using Kelvin connections to ensure an accurate signal.
We will examine the SC1480A DDR2 reference design used in the Design Procedure section while explaining the
layout guidelines in more detail.
4
1
2
3
5
6
7
8
Q1
FDS6982S
C3
0u1
C1
10u
0402
0402
0603
0402
0402
0402
0402
0402
0402
0402
7343
1210
0603
0402
0402
0603
SOD323
0603
2525
R8
0R
0402
REFIN
1
TON
2
REFOUT
3
VCCA
4
FB
5
PGD
6
VSSA
7
PGND
8
DL
9
VDDP
10
ILIM
11
LX
12
DH
13
BST
14
U1
SC1480A
C9
1u
C8
1n
R7
10R
R4
10R
R3
470k
R2
715k
R1
10k0
R6
10k0
VTT
VBAT
VDDQ
5VSUS
PGOOD
C2
1u
REFOUT
C10
1u
R5
9k09
D1
C5
0u1
5VRUN
C4
2n2
VBAT
L1
2u2
+
C6
220u/15mOhm
VTT
C7
0u1
.igure 3: Reference Design and Layout Example for VBAT = 8V to 20V, VTT = 0.9V, 3A
Note R8 is present to facilitate isolation of power ground and VSSA during layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com